Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTVA101K02EV-V1-R250 Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # PTVA101K02EV-V1-R250
Description  Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA101K02EV-V1-R250 Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  PTVA101K02EV-V1-R250 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA101K02EV-V1-R250 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA101K02EV-V1-R250 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA101K02EV-V1-R250 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA101K02EV-V1-R250 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA101K02EV-V1-R250 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA101K02EV-V1-R250 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA101K02EV-V1-R250 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA101K02EV-V1-R250 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
PTVA101K02EV
Rev. 04, 2023-07-07
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
RF Characteristics
Typical RF Performance (not subject to production test, verified by design/characterization in Wolfspeed test fixture)
VDD = 50 V, IDQ = 75 mA per side, Input signal (tr = 5 ns, tf = 6.5 ns), TCASE = 25°C, class AB test
P1dB
P3dB
Mode of operation
ƒ
IRL
Gain
Eff
POUT Gain
Eff
POUT Pdroop(pulse)
tr
tf
(MHz) (dB)
(dB)
(%)
(W)
(dB)
(%)
(W)
dB @ 1000 W (ns) (ns)
128 µs, 10%
1030 20
18
56
980
16
57
1090
0.18
7
8
128 µs, 1%
1030 20
18.1
57
1010
16.1
58
1130
0.16
7
8
MODE-S
1030 20
17.9
54
930
14.9
55
1060
0.45
7
8
(32µS ON / 18µS OFF)X80, LTDF=6.4%
128 µs, 10%
1090 13
18.3
59
920
16.2
60
1050
0.16
7
8
128 µs, 1%
1090 14
18.4
60
950
16.4
61
1080
0.17
7
8
DC Characteristics (each side)
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
105
—
—
V
Drain Leakage Current VDS = 50 V, VGS = 0 V
IDSS
—
—
1
µA
VDS = 105 V, VGS = 0 V
IDSS
—
—
10
µA
On-State Resistance
VGS = 10 V, VDS = 0.1 V
RDS(on)
—
0.1
—
W
Operating Gate Voltage VDS = 50 V, IDQ = 150 mA
VGS
3
3.35
4
V
Gate Leakage Current VGS = 10 V, VDS = 0 V
IGSS
—
—
1.0
µA
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
105
V
Gate-Source Voltage
VGS
–6 to +12
V
Operating Voltage
VDD
0 to +55
V
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Thermal Resistance (TCASE = 70°C, 1000 W, MODE–S)
RqJC
0.16
°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com