Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTVA102001EA-V1-R2 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # PTVA102001EA-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 – 1600 MHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA102001EA-V1-R2 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

Back Button PTVA102001EA-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA102001EA-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA102001EA-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA102001EA-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA102001EA-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA102001EA-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA102001EA-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA102001EA-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC. PTVA102001EA-V1-R2 Datasheet HTML 10Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
PTVA102001EA
Rev. 05, 2023-07-10
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
14
15
16
17
18
19
20
22
26
30
34
38
42
PIN (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 100 mA, TCASE = 25°C,
300µs pulse width, 10% duty cycle
1030 MHz
1090 MHz
Gain
a102001ea_300us_g2
40
50
60
70
80
16
17
18
19
20
1025
1050
1075
1100
Frequency (MHz)
Pulsed RF Performance
VDD = 50 V, IDQ = 100 mA, POUT = 205 W,
300µs pulse width, 10% duty cycle
Gain
Efficiency
a102001ea_300us_g3
Typical RF Performance (cont.)
30
40
50
60
70
16
17
18
19
20
1025
1050
1075
1100
Frequency (MHz)
Pulsed RF Performance
VDD = 50 V, IDQ = 100 mA, POUT = 210 W,
128µS pulse width, 1% duty cycle
Efficiency
Gain
a102001ea_128us_g3
-13
-12
-11
-10
-9
-8
0.01
0.02
0.03
0.04
0.05
0.06
1025
1050
1075
1100
Frequency (MHz)
Pulsed RF Performance
VDD = 50 V, IDQ = 100 mA, POUT = 210 W,
128µS pulse width, 1% duty cycle
IRL
Power Droop
a102001ea_128us_g4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com