Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTVA120501EA-V1-R0 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PTVA120501EA-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 – 1400 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA120501EA-V1-R0 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PTVA120501EA-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA120501EA-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA120501EA-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA120501EA-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA120501EA-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA120501EA-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA120501EA-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA120501EA-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA120501EA-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
PTVA120501EA
Rev. 04, 2023-07-10
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (cont.)
10
20
30
40
50
60
70
30
35
40
45
50
55
60
18
22
26
30
34
38
PIN (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 50 mA, TCASE = 25°C,
16 ms pulse width, 50% duty cycle
1200 MHz
1300 MHz
1400 MHz
a120501ea_g4-1
Output Power
Efficiency
14
15
16
17
18
19
18
22
26
30
34
38
PIN (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 50 mA, TCASE = 25°C,
16 ms pulse width, 50% duty cycle
1200 MHz
1300 MHz
1400 MHz
a120501ea_g4-2
Gain
-30
-25
-20
-15
-10
-5
0.00
0.05
0.10
0.15
0.20
0.25
1150 1200 1250 1300 1350 1400 1450
Frequency (MHz)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 50 mA, POUT = 50 W,
16 ms pulse width, 50% duty cycle
a120501ea_g4-4
IRL
Power Droop
52
54
56
58
60
16.6
16.8
17.0
17.2
17.4
1150 1200 1250 1300 1350 1400 1450
Frequency (MHz)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 50 mA, POUT = 50 W,
16 ms pulse width, 50% duty cycle
a120501ea_g4-3
Efficiency
Gain



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com