Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS1A3640-V2-R1 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # WS1A3640-V2-R1
Description  GaN on SiC Power Amplifier Module for 5G
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

WS1A3640-V2-R1 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  WS1A3640-V2-R1 Datasheet HTML 1Page - WOLFSPEED, INC. WS1A3640-V2-R1 Datasheet HTML 2Page - WOLFSPEED, INC. WS1A3640-V2-R1 Datasheet HTML 3Page - WOLFSPEED, INC. WS1A3640-V2-R1 Datasheet HTML 4Page - WOLFSPEED, INC. WS1A3640-V2-R1 Datasheet HTML 5Page - WOLFSPEED, INC. WS1A3640-V2-R1 Datasheet HTML 6Page - WOLFSPEED, INC. WS1A3640-V2-R1 Datasheet HTML 7Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
WS1A3640
3
Rev. 03, 2023-02-04
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
RF Characteristics (tested in Wolfspeed production test fixture)
VDD = 48 V, Pulse CW 10% duty cycle, 20 µs pulse width
Parameter
Symbol
Conditions
Main
Peak
Unit
Min
Max
Min
Max
3500 MHz
Gain
G
POUT = 38 dBm (main)
POUT = 40 dBm (peak)
14
18
13
17
dB
Saturated Power
PSAT
IDQ = 30 mA (main)
IDQ = 40 mA (peak)
42
–
45
–
dBm
Efficiency
Eff
IDQ = 30 mA, PSAT
41
–
41
–
%
3700 MHz
Gain
G
POUT = 38 dBm (main)
POUT = 40 dBm (peak)
13
17.5
12
17
dB
Saturated Power
PSAT
IDQ = 30 mA (main)
IDQ = 40 mA (peak)
42
–
44
–
dBm
Efficiency
Eff
IDQ = 30 mA, PSAT
48
–
44
–
%
Ordering Information
Order Code
Description
WS1A3640-V2-R00A
Sample Quantities
WS1A3640-V2-R1
330 mm (13") Reel 100 pcs
WS1A3640-V2-R3K
330 mm (13") Reel 3,000 pcs
FXA/WS1A3640V2-08
3.3-3.6 GHz WS1A3640 Evaluation Board
FXA/WSGPA01V1-14
3.3-3.6 GHz WSGPA01 Evaluation Board
FXL/WS1A3640V2-01
3.4-3.6 GHz Evaluation Board (WSGPA01 + WS1A3640)
FXL/WS1A3640V2-03
3.6-3.8 GHz Evaluation Board (WSGPA01 + WS1A3640)
FXL/WS1A3640V2-02
3.4-3.8 GHz Evaluation Board (WSGPA01 + WS1A3640)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com