Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VT82887 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VT82887
Description  Real Time Clock
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT82887 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VT82887 Datasheet HTML 1Page - List of Unclassifed Manufacturers VT82887 Datasheet HTML 2Page - List of Unclassifed Manufacturers VT82887 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT82887 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT82887 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT82887 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT82887 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT82887 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT82887 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
VT82887
Real Time Clock
VIA Technologies, Inc.
the VT82887 since the bus change from
address to data occurs during the internal
RAM access time. Addresses must be valid
prior to the falling edge of AS which the
VT82887 uses to latch the address from AD0
to AD6. Valid write data must be present and
held stable during the latter portion of the
RD# or WR# pulses. In a read cycle the
VT82887 outputs 8 bits of data during the
latter portion of the RD# pulse. The read cycle
is terminated and the bus returns to a high
impedance state as RD# transitions high as in
Intel timing.
AS (Address Strobe Input)
− A positive
going
address
strobe
pulse
serves
to
demultiplex the bus. The falling edge of AS
causes the address to be latched within the
VT82887.
RD# (Read Strobe)
− The low active RD# pin
identifies the time period when the VT82887
drives the bus with read data. The RD# signal
is the same definition as the Output Enable
(OE#) signal on a typical memory.
WR# (Write Strobe)
− The low active WR#
pin is used to indicate a write cycle. The data
on the bus AD0-AD7 at the rising edge of
WR# will be written into VT82887.
CS# (Chip Select Input)
− The Chip Select
signal must be asserted low for a bus cycle in
order that the VT82887 can be accessed.
CS# must be kept in the active state during
RD# and WR#. Bus cycles which take place
without asserting CS# will latch addresses but
no access will occur. When VCC is below 4.25
volts, the VT82887 internally inhibits access
cycles by internally disabling the CS# input.
This action protects both the real time clock
data and RAM data during power outages.
IRQ# (Interrupt Request Output)
− The
IRQ# pin is an active low output of the
VT82887 that can be used as an interrupt
input to a processor. The IRQ# output
remains low as long as the status bit causing
the interrupt is present and the corresponding
interrupt-enable bit is set. To clear the IRQ#
pin the processor program normally reads the
C register. The RESET# pin also clears
pending interrupts.
When no interrupt conditions are present, the
IRQ# level is in the high impedance state.
Multiple
interrupting
devices
can
be
connected to an IRQ# bus. The IRQ# bus is
an open drain output and requires an external
pull-up resistor.
RESET# (Reset Input)
− The RESET# pin
has no effect on the clock, calendar, or RAM.
On power-up the RESET# pin can be held
low for a time in order to allow the power
supply to stabilize. The amount of time that
RESET# is held low is dependent on the
application. However, if RESET# is used on
power-up, the time RESET# is low should
exceed 200 ms to make sure that the internal
timer that controls the VT82887 on power-up
has timed out. When RESET# is low and VCC
is above 4.25 volts, the following occurs:
A. Periodic Interrupt Enable (PIE) bit is
cleared to zero.
B. Alarm Interrupt Enable (AIE) bit is cleared
to zero.
C. Update Ended Interrupt Flag (UF) bit is
cleared to zero.
D. Interrupt Request Status Flag (IRQF) bit
is cleared to zero.
E. Periodic Interrupt Flag (PF) bit is cleared
to zero.
F. The
device
is
not
accessible
until
RESET# is returned high.
G. Alarm Interrupt Flag (AF) bit is cleared to
zero.
H. IRQ# pin is in the high impedance state.
I.
Square Wave Output Enable (SQWE) bit
is cleared to zero.
J.
Update Ended Interrupt Enable (UIE) is
cleared to zero.
In a typical application RESET# can be
connected to VCC. This connection will allow
the VT82887 to go in and out of power fail
without affecting any of the control registers.
ADDRESS MAP
The address map of the VT82887 is shown in
Figure 2. The address map consists of 114
bytes of user RAM, 10 bytes of RAM that



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com