Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L8C201MMB40 Datasheet(PDF) 21 Page - LOGIC Devices Incorporated

Part # L8C201MMB40
Description  512/1K/2K/4K x 9-bit Asynchronous FIFO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L8C201MMB40 Datasheet(HTML) 21 Page - LOGIC Devices Incorporated

Back Button L8C201MMB40 Datasheet HTML 14Page - LOGIC Devices Incorporated L8C201MMB40 Datasheet HTML 15Page - LOGIC Devices Incorporated L8C201MMB40 Datasheet HTML 16Page - LOGIC Devices Incorporated L8C201MMB40 Datasheet HTML 17Page - LOGIC Devices Incorporated L8C201MMB40 Datasheet HTML 18Page - LOGIC Devices Incorporated L8C201MMB40 Datasheet HTML 19Page - LOGIC Devices Incorporated L8C201MMB40 Datasheet HTML 20Page - LOGIC Devices Incorporated L8C201MMB40 Datasheet HTML 21Page - LOGIC Devices Incorporated L8C201MMB40 Datasheet HTML 22Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DEVICES INCORPORATED
21
L8C201/202/203/204
512/1K/2K/4K x 9-bit Asynchronous FIFO
03/04/99–LDS.8C201/2/3/4-H
FIFO Products
0°C to +70°C — COMMERCIAL SCREENING
–40°C to +85°C — COMMERCIAL SCREENING
28-pin — 0.3" wide
28-pin — 0.6" wide
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
W
D8
D3
D2
D1
D0
XI
FF
Q0
Q1
Q2
Q3
Q8
GND
VCC
D4
D5
D6
D7
FL/RT
RS
EF
XO/HF
Q7
Q6
Q5
Q4
R
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
W
D8
D3
D2
D1
D0
XI
FF
Q0
Q1
Q2
Q3
Q8
GND
VCC
D4
D5
D6
D7
FL/RT
RS
EF
XO/HF
Q7
Q6
Q5
Q4
R
L8C204 — ORDERING INFORMATION
Plastic DIP
(P10)
L8C204PC25
L8C204PC15
L8C204PC12
L8C204PC10
L8C204PI25
L8C204PI15
L8C204PI12
L8C204PI10
Speed
25 ns
15 ns
12 ns
10 ns
25 ns
15 ns
12 ns
10 ns
Plastic DIP
(P9)
L8C204NC25
L8C204NC15
L8C204NC12
L8C204NC10
L8C204NI25
L8C204NI15
L8C204NI12
L8C204NI10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com