Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SD669AL Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # 2SD669AL
Description  TO-126 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SD669AL Datasheet(HTML) 3 Page - Nanjing International Group Co

  2SD669AL Datasheet HTML 1Page - Nanjing International Group Co 2SD669AL Datasheet HTML 2Page - Nanjing International Group Co 2SD669AL Datasheet HTML 3Page - Nanjing International Group Co 2SD669AL Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
10
100
1000
10
100
1000
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
1
10
100
1000
0
200
400
600
800
1000
1200
1
10
100
1000
0
100
200
300
400
500
01234
5678
0
100
200
300
0.2
0.4
0.6
0.8
1.0
1
10
100
1000
V
CE
= 5V
T
a
=100
oC
T
a
=25
oC
COLLECTOR CURRENT
I
C
(mA)
I
C
h
FE
——
AMBIENT TEMPERATURE
T
a
(
)
℃
P
c
——
T
a
COLLECTOR CURRENT
I
C
(mA)
T
a
=25℃
T
a
=100℃
β=10
I
C
V
BEsat
——
T
a
=25℃
T
a
=100℃
β=10
V
CEsat
——
I
C
COLLECTOR CURRENT
I
C
(mA)
COMMON
EMITTER
T
a
=25℃
2mA
1.8mA
1.6mA
1.4mA
1.2mA
1.0mA
0.8mA
0.6mA
0.4mA
I
B
=0.2mA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic
VCE=5V
Ta=25℃
Ta=100
oC
BASE-EMITTER VOLTAGE
V
BE
(V)
I
C
——
V
BE
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com