Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MXD2002B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MXD2002B
Description  Low Cost, 짹10 g Dual Axis Accelerometer with Digital Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MXD2002B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MXD2002B Datasheet HTML 1Page - List of Unclassifed Manufacturers MXD2002B Datasheet HTML 2Page - List of Unclassifed Manufacturers MXD2002B Datasheet HTML 3Page - List of Unclassifed Manufacturers MXD2002B Datasheet HTML 4Page - List of Unclassifed Manufacturers MXD2002B Datasheet HTML 5Page - List of Unclassifed Manufacturers MXD2002B Datasheet HTML 6Page - List of Unclassifed Manufacturers MXD2002B Datasheet HTML 7Page - List of Unclassifed Manufacturers MXD2002B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Low Cost,
±10 g Dual Axis
Accelerometer with Digital Outputs
MXD2002A/B
FEATURES
Dual axis accelerometer fabricated on a monolithic CMOS IC
On-chip mixed mode signal processing
Resolution better than 6 milli-g
50,000 g shock survival rating
30 Hz bandwidth
2.70V to 5.25V single supply operation
Small (5mm x 5mm x 2mm) surface mount package
Continuous self test
Independently programmable axis (factory special)
APPLICATIONS
Automotive – Vehicle Security/Active Suspension/ABS
HED Angle Control/Tilt Sensing
Security – Gas Line/Elevator/Fatigue Sensing
Office Equipment – Computer Peripherals/PDA’s/Mouse
Smart Pens/Cell Phones
Gaming – Joystick/RF Interface/Menu Selection/Tilt Sensing
White Goods – Spin/Vibration Control
Internal
Oscillator
Sck
(optional)
CLK
Heater
Control
X axis
Y axis
Factory Adjust
Offset & G ain
LPF
LPF
Tem perature
Sensor
Voltage
Reference
Vref
Dout X
Vdd
Vda
Gnd
2-AXIS
SENSO R
Dout Y
Tout
Continous
Self Test
A/D
A/D
MXD2002A/B FUNCTIONAL BLOCK DIAGRAM
The MXD2002A/B is a very low cost, dual axis
accelerometer fabricated on a standard, submicron CMOS
process. The MXD2002A/B measures acceleration with a
full-scale range of
±10 g. (The MEMSIC accelerometer
product line extends from
±1 g to ±10 g with custom
versions available above
±10 g.) It can measure both
dynamic acceleration (e.g., vibration) and static
acceleration (e.g., gravity). The MXD2002A/B design is
based on heat convection and requires no solid proof mass.
This eliminates stiction and particle problems associated
with competitive devices and provides shock survival up to
50,000 g, leading to significantly lower failure rates and
lower loss due to handling during assembly.
The MXD2002A/B provides a digital output (ref. other
MEMSIC data sheets for analog or ratiometric analog
outputs). The outputs are digital signals with duty cycles
(ratio of pulsewidth to period) that are proportional to
acceleration. The duty cycle outputs can be directly
interfaced to a micro-processor.
Information furnished by MEMSIC is believed to be accurate and reliable.
However, no responsibility is assumed by MEMSIC for its use, nor for any
infringements of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or
patent rights of MEMSIC.
The typical noise floor is .0015% duty cycle
/ Hz allowing
signals below 6 milli-g to be resolved at 1 Hz bandwidth.
The MXD2002A/B is available in a low profile LCC
surface mount package (5mm x 5mm x 2mm height). It is
hermetically sealed and operational over a -40
°C to +105°C
temperature range.
Due to the standard CMOS structure of the MXD2002A/B,
additional circuitry can easily be incorporated into custom
versions for high volume applications. Contact the factory
for more information.
MEMSIC, Inc.
100 Burtt Road, Andover, MA 01810
Tel: 978.623.8188
Fax: 978.623.9945
www.memsic.com
MEMSIC MXD2002A/B Rev.E
Page 1 of 8
5/15/2004


Similar Part No. - MXD2002B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXD202 ETC1-MXD202 Datasheet
239Kb / 8P
Low Cost, 2.0g, Dual Axis Accelerometer with Digital Outputs
MXD2020E ETC1-MXD2020E Datasheet
583Kb / 8P
Ultra Low Noise, Low offset Drift 1g, -1g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXD2020E MEMSIC-MXD2020E Datasheet
227Kb / 8P
Ultra Low Noise, Low offset Drift 짹1 g Dual Axis Accelerometer with Digital Outputs
Rev H
MXD2020EF MEMSIC-MXD2020EF Datasheet
227Kb / 8P
Ultra Low Noise, Low offset Drift 짹1 g Dual Axis Accelerometer with Digital Outputs
Rev H
logo
List of Unclassifed Man...
MXD2020EL ETC1-MXD2020EL Datasheet
583Kb / 8P
Ultra Low Noise, Low offset Drift 1g, -1g Dual Axis Accelerometer with Digital Outputs
More results

Similar Description - MXD2002B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXD7210GL ETC-MXD7210GL Datasheet
647Kb / 10P
Low Cost, Low Noise -10 g Dual Axis Accelerometer with Digital Outputs
MXD202 ETC1-MXD202 Datasheet
239Kb / 8P
Low Cost, 2.0g, Dual Axis Accelerometer with Digital Outputs
MXA2312A ETC1-MXA2312A Datasheet
573Kb / 8P
Low Cost, 2,-2 g Dual Axis Accelerometer with Analog Outputs
MXA2500J ETC1-MXA2500J Datasheet
255Kb / 8P
Ultra Low Cost, 짹1.0 g Dual Axis Accelerometer with Absolute Outputs
MXR7210G ETC1-MXR7210G Datasheet
104Kb / 8P
Low Cost, Low Noise 짹10 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXD7202GL ETC1-MXD7202GL Datasheet
549Kb / 10P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
Low Cost 1.2 g Dual Axis Accelerometer
REV. A
logo
MEMSIC Semiconductor (T...
MXR7150VW MEMSIC-MXR7150VW Datasheet
257Kb / 6P
Low Cost Dual-Axis Accelerometer with Rationmetric Outputs
Rev C
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
MXR7999VW MEMSIC-MXR7999VW Datasheet
367Kb / 6P
Low Cost Dual-Axis Accelerometer with Ratiometric Outputs
Rev C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com