Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP1085V1-L/TR Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP1085V1-L/TR
Description  3A Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1085V1-L/TR Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP1085V1-L/TR Datasheet HTML 4Page - Sipex Corporation SP1085V1-L/TR Datasheet HTML 5Page - Sipex Corporation SP1085V1-L/TR Datasheet HTML 6Page - Sipex Corporation SP1085V1-L/TR Datasheet HTML 7Page - Sipex Corporation SP1085V1-L/TR Datasheet HTML 8Page - Sipex Corporation SP1085V1-L/TR Datasheet HTML 9Page - Sipex Corporation SP1085V1-L/TR Datasheet HTML 10Page - Sipex Corporation SP1085V1-L/TR Datasheet HTML 11Page - Sipex Corporation SP1085V1-L/TR Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Date: 7/24/06 Rev H
SP085 3A Low Dropout Linear Regulator
© 2006 Sipex Corporation
Figure 2. Line Transient Response
typical Performance characteristics (continued)
Figure 3. Typical Applications of SP085
SP1085-ADJ
V
IN
V
OUT
ADJ
V
IN
10 F
Tantalum
120
R2
22 F
Tantalum
+
+
+
+
V
IN
SP1085-5.0
V
IN
V
OUT
GND
10 F
Tantalum
22 F
Tantalum
V
OUT
V
OUT
R1
V
OUT=VREF* (+R2/R) + IADJ * R2
typical Application
APPLicAtion infoRmAtion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com