Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS2803R3S Datasheet(PDF) 5 Page - International Rectifier

Part # LS2803R3S
Description  HIGH RELIABILITY DC/DC CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LS2803R3S Datasheet(HTML) 5 Page - International Rectifier

  LS2803R3S Datasheet HTML 1Page - International Rectifier LS2803R3S Datasheet HTML 2Page - International Rectifier LS2803R3S Datasheet HTML 3Page - International Rectifier LS2803R3S Datasheet HTML 4Page - International Rectifier LS2803R3S Datasheet HTML 5Page - International Rectifier LS2803R3S Datasheet HTML 6Page - International Rectifier LS2803R3S Datasheet HTML 7Page - International Rectifier LS2803R3S Datasheet HTML 8Page - International Rectifier LS2803R3S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.irf.com
5
LS-SERIES
Electrical Performance Characteristics ( continued )
1.
Parameter is tested as part of design characterization or after design changes. Thereafter, parameter
shall be guaranteed to the limits specified.
2.
Parameter verified during line and load regulation tests.
3.
Output load current must be distributed such that at least 20% of the total load current is being provided by
one of the outputs.
4.
Load current split equally between outputs on dual output models.
5.
Cross regulation is measured with 20% rated load on output under test while changing the load on the
other output from 20% to 80% of rated.
6.
Guaranteed for a D.C. to 20MHz bandwidth. Tested using a 20KHz to 10MHz bandwidth using the circuit
on page 6.
7.
Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. For
a capacitive load in excess of the maximum limit, consult the factory.
8.
Overload power dissipation is defined as the device power dissipation with the load set such that V
OUT =
90% of nominal.
9.
Load step transition time
≤ 10 µs.
10. Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1% of
its steady state value.
11. Line step transition time
≤ 100 µs.
12. Turn-on delay time from either a step application of input power or a logic low to a logic high transition on
the inhibit pin (pin 4) to the point where V
OUT = 90% of nominal.
13.
For operation at temperatures between +85°C and 125°C, de-rate the maximum output power linearly from
100% to 75%.
14.
End of life (EOL) is
±3%
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ T
C
≤ +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Turn-on Overshoot (VOS)
LS2801R5S
LS2802R5S
LS2803R3S
LS2805S
LS2812S
LS2815S
LS2805D
LS2812D
LS2815D
Turn-on Delay (TDLY)
4,5,6
10% Load, Full Load
Notes 4,12
0
150
250
330
500
1000
1000
500
1000
1000
10
mV
ms
Capacitive Load (CL)
LS2801R5S
LS2802R5S
LS2803R3S
LS2805S
LS2812S
LS2815S
LS2805D
LS2812D
LS2815D
IOUT = 100% rated load
No effect on DC performance
Notes 1, 4, 7
Each output on duals
2500
2500
2200
1000
180
120
500
90
60
µF
Line Rejection
1
IOUT = 100% rated load
DC to 50KHz, Notes 1, 4
35
50
dB
Isolation
1
Input to Output or Any Pin to Case
except pin 3, test @ 500VDC
100
M
Ω
Device Weight
80
g
MTBF
MIL-HDBK-217F2, SF, 35
°C
4.0 x 10
6
Hr
Notes for Electrical Performance Characteristics Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com