Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1320T Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1320T
Description  Voltage Supervisor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1320T Datasheet(HTML) 1 Page - Microchip Technology

  MCP1320T Datasheet HTML 1Page - Microchip Technology MCP1320T Datasheet HTML 2Page - Microchip Technology MCP1320T Datasheet HTML 3Page - Microchip Technology MCP1320T Datasheet HTML 4Page - Microchip Technology MCP1320T Datasheet HTML 5Page - Microchip Technology MCP1320T Datasheet HTML 6Page - Microchip Technology MCP1320T Datasheet HTML 7Page - Microchip Technology MCP1320T Datasheet HTML 8Page - Microchip Technology MCP1320T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
© 2005 Microchip Technology Inc.
DS21985A-page 1
MCP131X/2X
Features
• Low supply current: 1 μA (typ.), 10 μA (max.)
• Precision monitoring trip point options:
- 2.9V and 4.6V (Standard Offerings)
- 2.0V to 4.7V in 100 mV increments,
(Contact the local Microchip Sales Office)
• Resets microcontroller in a power-loss event
• Reset Delay Time Out Option:
- 1.4 ms, 30 ms, 200 ms, or 1.6s (typ.)
• Watchdog Timer Input Time Out Options:
- 6.3 ms, 102 ms, 1.6s or 25.6s (typ.)
• Manual Reset (MR) input (active-low)
• Single and complementary Reset output(s)
• Reset Output Options:
- Push-Pull (active-high or active-low)
- Open-Drain (internal or external Pull-up)
• Temperature Range: -40°C to +125°C
• Voltage Range: 1.0V to 5.5V
• Lead Free Packaging
Description
The MCP1316/16M/17/18/18M/19/19M/20/21/22 are
voltage supervisor devices designed to keep a micro-
controller in Reset until the system voltage has reached
and stabilized at the proper level for reliable system
operation. This sevice family also offers a Watchdog
Timer to monitor system operation and a Manual Reset
input. The table below shows the available features for
these devices.
Package Types
Block Diagram
Device Features
1
2
3
5
4
MCP1317
1
2
3
5
4
MCP1318/18M/21
1
2
3
5
4
MCP1319/19M/22
1
2
3
5
4
MCP1316/16M/20
SOT-23-5
RST
RST
VSS
MR
WDI
VDD
VDD
RST
VSS
MR
WDI
VSS
RST
WDI
VDD
RST
VSS
RST
MR
VDD
VDD
Comparator
+
–
Output
Driver
RST
Reference
VSS
RST
Noise Filter
Watchdog
MR
WDI
Note: Features available depend on the device
Voltage
Device
Reset Output A
Reset Output B
WDI Input
MR Input
Type
Pull-up
Resistor
Active
Level
Type
Pull-up
Resistor
Active
Level
MCP1316
Push-Pull
—
Low
—
—
—
Yes
Yes
MCP1316M
Open-Drain
Internal
Low
—
—
—
Yes
Yes
MCP1317
Push-Pull
—
High
—
—
—
Yes
Yes
MCP1318
Push-Pull
—
Low
Push-Pull
—
High
Yes
No
MCP1318M
Open-Drain
Internal
Low
Push-Pull
—
High
Yes
No
MCP1319
Push-Pull
—
Low
Push-Pull
—
High
No
Yes
MCP1319M
Open-Drain
Internal
Low
Push-Pull
—
High
No
Yes
MCP1320
Open-Drain
External
Low
—
—
—
Yes
Yes
MCP1321
Open-Drain
External
Low
Push-Pull
—
High
Yes
No
MCP1322
Open-Drain
External
Low
Push-Pull
—
High
No
Yes
Voltage Supervisor


Similar Part No. - MCP1320T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1320T MICROCHIP-MCP1320T Datasheet
737Kb / 52P
Voltage Supervisor
2005-2012 11/29/11
MCP1320T-25LE MICROCHIP-MCP1320T-25LE Datasheet
509Kb / 44P
Voltage Supervisor
10/05/07
MCP1320T-29LE/OT MICROCHIP-MCP1320T-29LE/OT Datasheet
737Kb / 52P
Voltage Supervisor
2005-2012 11/29/11
MCP1320T-46KE MICROCHIP-MCP1320T-46KE Datasheet
509Kb / 44P
Voltage Supervisor
10/05/07
MCP1320T-46LE/OT MICROCHIP-MCP1320T-46LE/OT Datasheet
737Kb / 52P
Voltage Supervisor
2005-2012 11/29/11
More results

Similar Description - MCP1320T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7700 TI-TL7700 Datasheet
144Kb / 11P
SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
SUPPLY VOLTAGE SUPERVISOR
logo
STMicroelectronics
STM1068 STMICROELECTRONICS-STM1068 Datasheet
213Kb / 22P
Smart voltage supervisor
27-May-2008
STM1066 STMICROELECTRONICS-STM1066 Datasheet
218Kb / 20P
Smart voltage supervisor
09-Apr-2008
logo
Micrel Semiconductor
MIC2772 MICREL-MIC2772_05 Datasheet
233Kb / 9P
Dual Voltage Supervisor
logo
Microchip Technology
MCP131X MICROCHIP-MCP131X_12 Datasheet
737Kb / 52P
Voltage Supervisor
2005-2012 11/29/11
MCP1320T-25LE MICROCHIP-MCP1320T-25LE Datasheet
509Kb / 44P
Voltage Supervisor
10/05/07
MCP1320T-46KE MICROCHIP-MCP1320T-46KE Datasheet
509Kb / 44P
Voltage Supervisor
10/05/07
logo
Aeroflex Circuit Techno...
UT01VS50L AEROFLEX-UT01VS50L Datasheet
173Kb / 15P
UT01VS50L Voltage Supervisor
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
SUPPLY-VOLTAGE SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com