Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH3605-3/4-Z Datasheet(PDF) 8 Page - ams AG

Part # SFH3605-3/4-Z
Description  Silicon NPN Phototransistor in MIDLED package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH3605-3/4-Z Datasheet(HTML) 8 Page - ams AG

Back Button SFH3605-3/4-Z Datasheet HTML 4Page - ams AG SFH3605-3/4-Z Datasheet HTML 5Page - ams AG SFH3605-3/4-Z Datasheet HTML 6Page - ams AG SFH3605-3/4-Z Datasheet HTML 7Page - ams AG SFH3605-3/4-Z Datasheet HTML 8Page - ams AG SFH3605-3/4-Z Datasheet HTML 9Page - ams AG SFH3605-3/4-Z Datasheet HTML 10Page - ams AG SFH3605-3/4-Z Datasheet HTML 11Page - ams AG SFH3605-3/4-Z Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SFH 3605
DATASHEET
DATASHEET
8 | Version 1.5 | 2023-06-16
Photocurrent 4), 5)
I
PCE = f (Ee) ; VCE = 5 V
0.1
0.2
0.3 0.4 0.5
1
[
]
0.2
0.3
0.4
0.5
1
2
3
[
]
Photocurrent 4), 5)
I
PCE = f (VCE); Ee = Parameter
Dark Current 4), 5)
I
CE0 = f (VCE) ; E = 0
V
OHF01527
CE
CEO
Ι
-3
10
10 -2
10 -1
10 0
10 1
05
10
15
20
25
30
35
V
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com