Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH4727S Datasheet(PDF) 4 Page - ams AG

Part # SFH4727S
Description  OSLON® Black OSLON Black Series (940 nm) - 50°
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH4727S Datasheet(HTML) 4 Page - ams AG

  SFH4727S Datasheet HTML 1Page - ams AG SFH4727S Datasheet HTML 2Page - ams AG SFH4727S Datasheet HTML 3Page - ams AG SFH4727S Datasheet HTML 4Page - ams AG SFH4727S Datasheet HTML 5Page - ams AG SFH4727S Datasheet HTML 6Page - ams AG SFH4727S Datasheet HTML 7Page - ams AG SFH4727S Datasheet HTML 8Page - ams AG SFH4727S Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SFH 4727S
4 Version 1.1 | 2020-08-26
Brightness Groups
Group
Radiant intensity 1)2)
Radiant intensity 1)2)
I
F = 1 A; tp = 10 ms
I
F = 1 A; tp = 10 ms
min.
max.
I
e
I
e
EA
710 mW/sr
900 mW/sr
EB
900 mW/sr
1120 mW/sr
FA
1120 mW/sr
1400 mW/sr
Only one group in one packing unit (variation lower 1.6:1).
Relative Spectral Emission 7), 8)
I
e,rel = f (λ); IF = 1000 mA; tp = 10 ms
800
0
nm
%
OHF04133
20
40
60
80
100
1050
850
900
950
Irel
λ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com