Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P1596L-25-TQ5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P1596L-25-TQ5-R
Description  150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1596L-25-TQ5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  P1596L-25-TQ5-R Datasheet HTML 1Page - Unisonic Technologies P1596L-25-TQ5-R Datasheet HTML 2Page - Unisonic Technologies P1596L-25-TQ5-R Datasheet HTML 3Page - Unisonic Technologies P1596L-25-TQ5-R Datasheet HTML 4Page - Unisonic Technologies P1596L-25-TQ5-R Datasheet HTML 5Page - Unisonic Technologies P1596L-25-TQ5-R Datasheet HTML 6Page - Unisonic Technologies P1596L-25-TQ5-R Datasheet HTML 7Page - Unisonic Technologies P1596L-25-TQ5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P1596
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R103-027,B
150KHZ, 1.5A PWM BUCK DC/DC
CONVERTER
DESCRIPTION
The UTC P1596 series is a step-down switching regulator able to
provide 1.5A output current. The available output voltages are 2.5V,
3.3V, 5V and an adjustable output version.
FEATURES
*Output load current: 1.5A
*Adjustable version output voltage range, 1.23V ~ 18V±4%
*150KHz ±15% fixed switching frequency
*Voltage mode non-synchronous PWM control
*Thermal-shutdown and current-limit protection
*Operating voltage can be up to 22V
*Low power standby mode
*High efficiency
*Internal current and thermal limit
*Built-in switching transistor on chip
TO-220B-5
1
TO-220-5
1
1
TO-263-5
1
TO-252-5
SIP-4
1
*Pb-free plating product number: P1596L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
P1596-xx-G04-K
P1596L-xx-G04-K
SIP-4
Bulk
P1596-xx-TA5-T
P1596L-xx-TA5-T
TO-220-5
Tube
P1596-xx-TB5-T
P1596L-xx-TB5-T
TO-220B
Tube
P1596-xx-TN5-R
P1596L-xx-TN5-R
TO-252-5
Tape Reel
P1596-xx-TN5-T
P1596L-xx-TN5-T
TO-252-5
Tube
P1596-xx-TQ5-R
P1596L-xx-TQ5-R
TO-263-5
Tape Reel
P1596-xx-TQ5-T
P1596L-xx-TQ5-T
TO-263-5
Tube
Note: xx: Output Voltage, refer to Marking Information.
P1596L-xx-G04-K
(1)Packing Type
(2)Package Type
(3)Output Voltage Code
(4)Lead Plating
(1) K: Bulk, R: Tape Reel, T:Tube
(2) G04: SIP-4, TA5: TO-220-5, TB5: TO-220B,
TN 5: TO-252-5, TQ5: TO-263-5
(3) xx: refer to Marking Information
(4) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - P1596L-25-TQ5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1596 UTC-P1596_15 Datasheet
358Kb / 7P
LINEAR INTEGRATED CIRCUIT
More results

Similar Description - P1596L-25-TQ5-R

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1515 ANACHIP-AP1515 Datasheet
156Kb / 6P
150KHz, 1.5A PWM Buck DC/DC Converter
Rev.1.0 Oct 29, 2004
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
150Khz, 5A PWM Buck DC/DC Converter
Rev. 0.4 Feb 19, 2004
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1515 ANACHIP-AP1515_1 Datasheet
196Kb / 9P
150KHz, 1.5A PWM Buck DC/DC Converter
Rev.1.1 Oct 24, 2005
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com