Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMTL4-BC-RY Datasheet(PDF) 1 Page - Bivar, Inc.

Part # SMTL4-BC-RY
Description  PLCC4 SMD Top View Package LED SMTL4-BC-RY, RED/YELLOW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

SMTL4-BC-RY Datasheet(HTML) 1 Page - Bivar, Inc.

  SMTL4-BC-RY Datasheet HTML 1Page - Bivar, Inc. SMTL4-BC-RY Datasheet HTML 2Page - Bivar, Inc. SMTL4-BC-RY Datasheet HTML 3Page - Bivar, Inc. SMTL4-BC-RY Datasheet HTML 4Page - Bivar, Inc. SMTL4-BC-RY Datasheet HTML 5Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMTL4-BC-RY
♦
Industry Standard PLCC4 Footprint
♦
2 Chips in One Low Profile Package
♦
High Luminous Intensity
♦
Wide Viewing Angle
♦
High Power Efficiency
PLCC4 SMD Top View Package LED
SMTL4-BC-RY, RED/YELLOW
Part Number
Material
Emitted Color
Lumen Typ. mcd
Lens Color
Viewing Angle
SMTL4-BC-RY
AlGaAs
Red
36
Water Clear
120°
GaAsP
Yellow
16
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 Web: www.bivar.com
Revision A
02/16
Page 1 of 5
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE DEVICES
RoHS Compliant
Moisture
Sensitivity
Levels 4
Outline Dimensions
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.010" unless otherwise noted.
Bivar SMTL4 Bi-Color LED combines two chips in a single package and is offered in an industry standard
PLCC4 footprint. The SMTL4 LED has a water clear lens for high luminous intensity and wide viewing angle
making them ideal for small scale applications such as illumination, general indication, and backlighting. The
robust package is ideal for harsh working environments and can be clustered in LED arrays for high lumi-
nous applications. Low power consumption and excellent long life reliability are suitable for battery powered
equipment. Bivar SMTL4 LED is packaged in standard tape and reels for pick and place assemblies.


Similar Part No. - SMTL4-BC-RY

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SMTL4-BC-RB BIVAR-SMTL4-BC-RB Datasheet
773Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-BC-RB, RED/BLUE
Revision A 02/16
More results

Similar Description - SMTL4-BC-RY

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SMTL4-BC-RB BIVAR-SMTL4-BC-RB Datasheet
773Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-BC-RB, RED/BLUE
Revision A 02/16
SMTL4-BC-YG BIVAR-SMTL4-BC-YG Datasheet
809Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-BC-YG, YELLOW/GREEN
Revision A 02/16
SMTL4-BC BIVAR-SMTL4-BC Datasheet
805Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-BC, RED/GREEN
Revision A 02/16
SMTL4-RGY BIVAR-SMTL4-RGY Datasheet
811Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-RGY, RED/GREEN/YELLOW
Revision A 02/16
SMTL4-RYB BIVAR-SMTL4-RYB Datasheet
767Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-RYB, RED/YELLOW/BLUE
Revision A 02/16
SMTL4-SBC-RY BIVAR-SMTL4-SBC-RY Datasheet
809Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-SBC-RY, RED/YELLOW
Revision A 02/16
SMTL4-SBC BIVAR-SMTL4-SBC Datasheet
812Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-SBC, RED/GREEN
Revision A 02/16
SMTL4-SRGB BIVAR-SMTL4-SRGB Datasheet
747Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-SRGB, RED/GREEN/BLUE
Revision A 02/16
SMTL4-SRGY BIVAR-SMTL4-SRGY Datasheet
762Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-SRGY, RED/GREEN/YELLOW
Revision B 09/16
SMTL4-SRYB BIVAR-SMTL4-SRYB Datasheet
748Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-SRYB, RED/YELLOW/BLUE
Revision A 02/16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com