Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM19EY100DO3-ST-R02 Datasheet(PDF) 17 Page - Sharma Electro Components,Inc

Part # DM19EY100DO3-ST-R02
Description  MICA CAPACITORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM19EY100DO3-ST-R02 Datasheet(HTML) 17 Page - Sharma Electro Components,Inc

Back Button DM19EY100DO3-ST-R02 Datasheet HTML 9Page - Sharma Electro Components,Inc DM19EY100DO3-ST-R02 Datasheet HTML 10Page - Sharma Electro Components,Inc DM19EY100DO3-ST-R02 Datasheet HTML 11Page - Sharma Electro Components,Inc DM19EY100DO3-ST-R02 Datasheet HTML 12Page - Sharma Electro Components,Inc DM19EY100DO3-ST-R02 Datasheet HTML 13Page - Sharma Electro Components,Inc DM19EY100DO3-ST-R02 Datasheet HTML 14Page - Sharma Electro Components,Inc DM19EY100DO3-ST-R02 Datasheet HTML 15Page - Sharma Electro Components,Inc DM19EY100DO3-ST-R02 Datasheet HTML 16Page - Sharma Electro Components,Inc DM19EY100DO3-ST-R02 Datasheet HTML 17Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
17
SUSCO Engineers & Buyers Guide - Mica - Section
Tel: 516-981-6690
Fax: 516-981-6867
MICA CAPACITORS
Tape/Reel & Packaging Specifications
ITEM
Symbol
Specifications (mm)
Specifications (inches)
Value
Tol.
Value
Tol.
Body width
L
L
max.
L
max.
Body height
W
W
max.
W
max.
Body thickness
T
T
max.
T
max.
Lead-wire diameter
d
0.5
±0.05
0.020
±0.002
Pitch of components
P
12.7
±1.0
0.500
±0.039
Sprocket hole pitch
P O
12.7
±0.3
0.500
±0.12
Lead location
P 1
3.85
±0.7
0.152
±0.028
Hole center to component center
P 2
6.35
±1.3
0.250
±0.051
Component lead spacing
F
5
+0.6 to -0.2
0.197
+0.024 to -0.008
Deflection
h
0
±2.0
0.000
±0.079
Carrier tape width
W t
18
±1.0 to -.05
0.709
±0.039 to -0.002
Hold down tape width
W O
12.5
min.
0.492
min.
Sprocket hole location
W 1
9
±0.5
0.354
±0.020
Adhesive tape border
W 2
3
max.
0.118
max.
Length of scating plans
H 1
16
±0.5
0.630
±0.020
Lead-wire protrusion
L P
2
max.
0.079
max.
Sprocket hole diameter
D O
4
±0.2
0.157
±0.008
Overall tape thickness
t
0.7
±0.2
0.028
±0.008
Cut out length
H 2
11
max.
0.433
max.
All Dipped Mica capacitors are
shipped in bulk packing. Tape
and Reel format available for
DM12 and DM15 capacitors
upon request and meet EIA
standards.
Dipped Mica capacitors are
also available with various
lead forming and trimming
options. Please provide
specific requirements
Taping Dimensions
Taping Specifications
Reel and Ammo Specifications
Series
Quantity per Reel (min.)
DM12
1K pcs.
DM15
1K pcs.
Series
Quantity per Reel (min.)
DM12
1K pcs.
DM15
1K pcs.
Product
Std. Quantity
DM Series
Single Coat
per Bag
DM05
SCDM05
500 pcs.
DM10
SCDM10
500 pcs.
DM12
SCDM12
500 pcs.
DM15
SCDM15
500 pcs.
DM19
SCDM19
250 pcs.
DM20
SCDM20
250 pcs.
DM30
100 pcs.
DM42
50 pcs.
Bulk Pack Quantity
Reel Pack Quantity
Ammo Pack Quantity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com