Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI74ALVCH16721 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74ALVCH16721
Description  3.3V 20-Bit Flip-Flop with 3-STATE Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ALVCH16721 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74ALVCH16721 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ALVCH16721 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ALVCH16721 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ALVCH16721 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ALVCH16721 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PI74ALVCH16721
3.3V 20-Bit Flip-Flop with 3-State Outputs
5
PS8090C 02/07/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
)
1
(
V C
C
V
2
.
0
±
V
5
.
2
=V C
C
V
7
.
2
=V C
C
V
3
.
0
±
V
3
.
3
=
s
ti
n
U
.
n
i
M
)
2
(
.
x
a
M.
n
i
M
)
2
(
.
x
a
M.
n
i
M
)
2
(
.
x
a
M
f
K
C
O
L
C
y
c
n
e
u
q
e
r
F
k
c
o
l
C
CL
F
p
0
5
=
RL
0
0
5
=
Ω
00
5
10
0
5
10
0
5
1
z
H
M
f X
A
M
y
c
n
e
u
q
e
r
F
m
u
m
i
x
a
M0
5
10
5
10
5
1
t H
L
P
t
,
L
H
P
y
al
e
D
n
o
it
a
g
o
p
o
r
P
x
Q
o
t
K
L
C
0
.
1
6
.
5
0
.
1
1
.
5
0
.
1
3
.
4
s
n
t H
Z
P
t
,
L
Z
P
e
m
i
T
el
b
a
n
E
t
u
p
t
u
O
x
Q
o
t
E
O
1
.
68
.
58
.
4
t X
H
P
e
m
i
T
el
b
a
si
D
t
u
p
t
u
O
x
Q
o
t
E
O
5
.
57
.
44
.
4
t U
S
K
L
C
e
r
o
f
e
B
a
t
a
D
↑
46
.
31
.
3
t U
S
K
L
C
e
r
o
f
e
B
N
E
K
L
C
↑
4
.
31
.
37
.
2
tH
K
L
C
r
e
tf
A
a
t
a
D
↑
00
0
tH
K
L
C
r
e
tf
A
N
E
K
L
C
↑
00
0
tW
h
t
d
i
W
e
sl
u
P
)
3
(
W
O
L
r
o
H
G
I
H
K
L
C
3
.
33
.
33
.
3
∆ /t∆v )
4
(
L
L
A
F
r
o
E
S
I
R
n
o
it
i
s
n
a
r
T
t
u
p
n
I0
0
10
0
10
0
1V
/
s
n
Switching Characteristics over Operating Range(1)
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
Operating Characteristics, TA = 25ºC
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
T
V C
C
V
2
.
0
±
V
5
.
2
=V C
C
V
3
.
0
±
V
3
.
3
=
s
ti
n
U
.
p
y
T
C D
P
n
o
it
a
p
i
s
si
D
r
e
w
o
P
e
c
n
a
ti
c
a
p
a
C
d
el
b
a
n
E
st
u
p
t
u
O
CL
z
H
M
0
1
=
f
,
F
p
0
5
=
5
59
5
F
p
d
el
b
a
si
D
st
u
p
t
u
O6
49
4
Notes:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. Recommended operating condition.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com