Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSYT67B Datasheet(PDF) 7 Page - ams AG

Part # LSYT67B
Description  Enhanced Optical Power LED Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LSYT67B Datasheet(HTML) 7 Page - ams AG

Back Button LSYT67B Datasheet HTML 3Page - ams AG LSYT67B Datasheet HTML 4Page - ams AG LSYT67B Datasheet HTML 5Page - ams AG LSYT67B Datasheet HTML 6Page - ams AG LSYT67B Datasheet HTML 7Page - ams AG LSYT67B Datasheet HTML 8Page - ams AG LSYT67B Datasheet HTML 9Page - ams AG LSYT67B Datasheet HTML 10Page - ams AG LSYT67B Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LSY T67B
2012-11-14
7
Durchlassstrom
2) Seite 15
Forward Current
2) page 15
I
F = f (VF); TA = 25 °C
Relative Lichtstärke
2) 7) Seite 15
Relative Luminous Intensity
2) 7) page 15
I
V/IV(30 mA) = f (IF); TA = 25 °C
Relative Lichtstärke
2) Seite 15
Relative Luminous Intensity
2) page 15
I
V/IV(25 °C) = f (Tj); IF = 30 mA
OHL00590
10
-2
10
-1
10
0
10
1
F
V
10
2
F
I
mA
2.3
1.3
1.5
1.7
1.9
2.1
V 2.5
mA
OHL00874
10
10
10
0
10
-2
10 1
-1
0
10
I
V
V (30 mA)
I
1
I
F
10 2
OHL00740
0
-40
˚C
T
(25 ˚C)
I
V
I
V
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2.0
-20
0
20
40
60
100
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com