Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTPWSG Datasheet(PDF) 2 Page - ams AG

Part # LTPWSG
Description  With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LTPWSG Datasheet(HTML) 2 Page - ams AG

  LTPWSG Datasheet HTML 1Page - ams AG LTPWSG Datasheet HTML 2Page - ams AG LTPWSG Datasheet HTML 3Page - ams AG LTPWSG Datasheet HTML 4Page - ams AG LTPWSG Datasheet HTML 5Page - ams AG LTPWSG Datasheet HTML 6Page - ams AG LTPWSG Datasheet HTML 7Page - ams AG LTPWSG Datasheet HTML 8Page - ams AG LTPWSG Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LT PWSG
2 Version 1.3 | 2021-07-15
Ordering Information
Type
Luminous Intensity 1)
Mounting methode
Ordering Code
I
F = 20 mA
I
v
LT PWSG-BACA-36-N626
1800 ... 3550 mcd
Reverse
Q65112A7313
LT PWSG-BACA-36-N626-F
1800 ... 3550 mcd
Top
Q65112A9119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com