Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLTR2-2000-PR2 Datasheet(PDF) 1 Page - Bivar, Inc.

Part # PLTR2-2000-PR2
Description  Light Pipe, 3.5mm, IP67
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

PLTR2-2000-PR2 Datasheet(HTML) 1 Page - Bivar, Inc.

  PLTR2-2000-PR2 Datasheet HTML 1Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-
0.05
0.03
0.130in+-
0.002
0.001 3.30mm
+
0.276in 7.0mm
REF
2:1
C
CUSTOMER USE DRAWING
(UNLESS OTHERWISE SPECIFIED)
TD. NGUYEN
TEL: (949) 951-8808
FAX: (949) 951-3974
CAGE CODE:
SHEET
SIZE
SCALE:
04/04/17
DATE:
DESIGNED:
A. VALDEZ
PLTR2-XXX-PRX
K. BARON
1
07/20/20
TITLE:
07/20/20
4 THOMAS, IRVINE, CA. 92618
1
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING
SHEET #
OF
REVISION:
A
DRAWING NO:
DATE:
CHECKED:
DATE:
REVISED:
X°
± 1°
.XXX
± .005
Light Pipe, 3.5mm, IP67
32559
.XX
± .01
.X
± .1
STANDARD TOLERANCE
ANGULAR
DECIMALS
CLEAR PC, 94V-0
PANEL, REF
LIGHT PIPE
WASHER, WHITE NYLON, 94V-0
L
3.5mm
0.25in 6.4mm
0.138in
0.030in 0.8mm
SEAL POLYURETHANE, 94V-0
NUT, M3 X 0.50, WHITE NYLON, 94V-0
TABLE B (SEAL)
COLOR
CODE
BLACK
1
WHITE
2
NOTES:
ALL ITEMS SHIPPED NON-ASSEMBLED.
1.
SEALED TO IP67 RATING.
2.
ASSEMBLY INSTRUCTIONS:
3.
- CUT RECOMMENDED MOUNTING HOLE INTO PANEL
- INSERT SEAL ONTO LIGHT PIPE AND PLACE INTO MOUNTING HOLE
- PLACE WASHER ON OTHER SIDE OF PANEL
- PLACE FLAT SIDE OF NUT AGAINST WASHER AND TIGHTEN UNTIL THERE IS RESISTANCE
- HOLD HEAD OF LIGHT PIPE AND TIGHTEN NUT WITH TORQUE WRENCH 6-7 IN-OZ
- DO NOT OVERTIGHTEN OR APPLY FORCE TO LIGHT PIPE
TABLE C (DYE)
COLOR
CODE
BLUE
BE
BLACK
BK
GREEN
GN
GRAY
GY
RED
RD
YELLOW
YW
NONE
BLANK
TABLE A
PART No.
L = BODY LENGTH
PLTR2-250-PRX
0.250 (6.4mm)
PLTR2-500-PRX
0.500 (12.7mm)
PLTR2-1000-PRX
1.000 (25.4mm)
PLTR2-1500-PRX
1.500 (38.1mm)
PLTR2-2000-PRX
2.000 (50.8mm)
PLTR2-2500-PRX
2.500 (63.5mm)
PLTR2-3000-PRX
3.000 (76.2mm)
PLTR2-8MM-PRX
8mm (0.315")
PLTR2-16MM-PRX
16mm (0.630")
PLTR2-24MM-PRX
24mm (0.945")
PLTR2-32MM-PRX
32mm (1.260")
PLTR2-40MM-PRX
40mm (1.575")
PLTR2-48MM-PRX
48mm (1.890")
PLTR2-56MM-PRX
56mm (2.205")
PLTR2-64MM-PRX
64mm (2.520")
PLTR2-72MM-PRX
72mm (2.835")
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
B
Engineering Release
4/04/2017
J.C.
C
Updated Assembly Instructions
7/20/2020
A.V.
NOTES:
ALL ITEMS SHIPPED NON-ASSEMBLED.
1.
SEALED TO IP67 RATING.
2.
ASSEMBLY INSTRUCTIONS:
3.
- CUT RECOMMENDED MOUNTING HOLE INTO PANEL
- INSERT SEAL ONTO LIGHT PIPE AND PLACE INTO MOUNTING HOLE
- PLACE WASHER ON OTHER SIDE OF PANEL
- PLACE FLAT SIDE OF NUT AGAINST WASHER AND TIGHTEN UNTIL THERE IS RESISTANCE
- HOLD HEAD OF LIGHT PIPE AND TIGHTEN NUT WITH TORQUE WRENCH 6-7 IN-OZ
- DO NOT OVERTIGHTEN OR APPLY FORCE TO LIGHT PIPE
SEAL COLOR, TABLE B
PLTR2-XXX-PRX XX
PART NUMBER CONFIGURATION
TABLE A
L = BODY LENGTH,
LIGHT PIPE DYED COLOR, TABLE C
RECOMMENDED MOUNTING HOLE
PANEL THICKNESS: 0.047" - 0.093"


Similar Part No. - PLTR2-2000-PR2

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
PLTR2-2000-PR1 BIVAR-PLTR2-2000-PR1 Datasheet
108Kb / 1P
Light Pipe, 3.5mm, IP67
04/04/17
PLTR2-2000-PRX BIVAR-PLTR2-2000-PRX Datasheet
108Kb / 1P
Light Pipe, 3.5mm, IP67
04/04/17
PLTR2-2000-PRX BIVAR-PLTR2-2000-PRX Datasheet
108Kb / 1P
Light Pipe, 3.5mm, IP67
04/04/17
PLTR2-2000-PRX BIVAR-PLTR2-2000-PRX Datasheet
108Kb / 1P
Light Pipe, 3.5mm, IP67
04/04/17
PLTR2-2000-PRX BIVAR-PLTR2-2000-PRX Datasheet
108Kb / 1P
Light Pipe, 3.5mm, IP67
04/04/17
More results

Similar Description - PLTR2-2000-PR2

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
PLTR2-1000-PR1 BIVAR-PLTR2-1000-PR1 Datasheet
108Kb / 1P
Light Pipe, 3.5mm, IP67
04/04/17
PLTR2-1000-PR2 BIVAR-PLTR2-1000-PR2 Datasheet
108Kb / 1P
Light Pipe, 3.5mm, IP67
04/04/17
PLTR2-1500-PR1 BIVAR-PLTR2-1500-PR1 Datasheet
108Kb / 1P
Light Pipe, 3.5mm, IP67
04/04/17
PLTR2-1500-PR2 BIVAR-PLTR2-1500-PR2 Datasheet
108Kb / 1P
Light Pipe, 3.5mm, IP67
04/04/17
PLTR2-24MM-PR1 BIVAR-PLTR2-24MM-PR1 Datasheet
108Kb / 1P
Light Pipe, 3.5mm, IP67
04/04/17
PLTR2-250-PR2 BIVAR-PLTR2-250-PR2 Datasheet
108Kb / 1P
Light Pipe, 3.5mm, IP67
04/04/17
PLTR2-3000-PR1 BIVAR-PLTR2-3000-PR1 Datasheet
108Kb / 1P
Light Pipe, 3.5mm, IP67
04/04/17
PLTR2-32MM-PR2 BIVAR-PLTR2-32MM-PR2 Datasheet
108Kb / 1P
Light Pipe, 3.5mm, IP67
04/04/17
PLTR2-40MM-PR1 BIVAR-PLTR2-40MM-PR1 Datasheet
108Kb / 1P
Light Pipe, 3.5mm, IP67
04/04/17
PLTR2-40MM-PR2 BIVAR-PLTR2-40MM-PR2 Datasheet
108Kb / 1P
Light Pipe, 3.5mm, IP67
04/04/17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com