Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G53DP Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G53DP
Description  2-channel analog multiplexer/demultiplexer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G53DP Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G53DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G53DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G53DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G53DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G53DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G53DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G53DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G53DP Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G53DP Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Nexperia
74LVC1G53
2-channel analog multiplexer/demultiplexer
10.2. ON resistance
Table 8. ON resistance
At recommended operating conditions; voltages are referenced to GND (ground 0 V); for graphs see Fig. 8 to Fig. 13.
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ[1] Max
Min
Max
Unit
VI = GND to VCC; see Fig. 7
ISW = 4 mA; VCC = 1.65 V to 1.95 V
-
34.0 130
-
195
Ω
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
12.0
30
-
45
Ω
ISW = 12 mA; VCC = 2.7 V
-
10.4
25
-
38
Ω
ISW = 24 mA; VCC = 3 V to 3.6 V
-
7.8
20
-
30
Ω
RON(peak) ON resistance (peak)
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
6.2
15
-
23
Ω
VI = GND; see Fig. 7
ISW = 4 mA; VCC = 1.65 V to 1.95 V
-
8.2
18
-
27
Ω
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
7.1
16
-
24
Ω
ISW = 12 mA; VCC = 2.7 V
-
6.9
14
-
21
Ω
ISW = 24 mA; VCC = 3 V to 3.6 V
-
6.5
12
-
18
Ω
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
5.8
10
-
15
Ω
VI = VCC; see Fig. 7
ISW = 4 mA; VCC = 1.65 V to 1.95 V
-
10.4
30
-
45
Ω
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
7.6
20
-
30
Ω
ISW = 12 mA; VCC = 2.7 V
-
7.0
18
-
27
Ω
ISW = 24 mA; VCC = 3 V to 3.6 V
-
6.1
15
-
23
Ω
RON(rail) ON resistance (rail)
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
4.9
10
-
15
Ω
VI = GND to VCC
[2]
ISW = 4 mA; VCC = 1.65 V to 1.95 V
-
26.0
-
-
-
Ω
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
5.0
-
-
-
Ω
ISW = 12 mA; VCC = 2.7 V
-
3.5
-
-
-
Ω
ISW = 24 mA; VCC = 3 V to 3.6 V
-
2.0
-
-
-
Ω
RON(flat) ON resistance
(flatness)
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
1.5
-
-
-
Ω
[1] Typical values are measured at Tamb = 25 °C and nominal VCC.
[2] Flatness is defined as the difference between the maximum and minimum value of ON resistance measured at identical VCC and
temperature.
74LVC1G53
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 12 — 20 July 2021
7 / 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com