Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC3G06GS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC3G06GS
Description  Triple inverter with open-drain output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC3G06GS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC3G06GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC3G06GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC3G06GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC3G06GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC3G06GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC3G06GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC3G06GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC3G06GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC3G06GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
74LVC3G06
Triple inverter with open-drain output
Rev. 15 — 20 April 2021
Product data sheet
1. General description
The 74LVC3G06 is a triple inverter with open-drain outputs. Inputs can be driven from either 3.3 V
or 5 V devices. This feature allows the use of these devices as translators in mixed 3.3 V and 5 V
environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Wide supply voltage range from 1.65 V to 5.5 V
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• Complies with JEDEC standard:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8-B/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• -24 mA output drive (VCC = 3.0 V)
• CMOS low power consumption
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• IOFF circuitry provides partial Power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C


Similar Part No. - 74LVC3G06GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G06GD NXP-74LVC3G06GD Datasheet
101Kb / 16P
Triple inverter with open-drain output
Rev. 07-12 March 2009
74LVC3G06GM NXP-74LVC3G06GM Datasheet
101Kb / 16P
Triple inverter with open-drain output
Rev. 07-12 March 2009
74LVC3G06GT PHILIPS-74LVC3G06GT Datasheet
81Kb / 15P
Triple inverter with open-drain output
Rev. 03-01 February 2005
74LVC3G06GT NXP-74LVC3G06GT Datasheet
101Kb / 16P
Triple inverter with open-drain output
Rev. 07-12 March 2009
More results

Similar Description - 74LVC3G06GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G06 PHILIPS-74LVC3G06 Datasheet
81Kb / 15P
Triple inverter with open-drain output
Rev. 03-01 February 2005
logo
Toshiba Semiconductor
TC7WZ05FK TOSHIBA-TC7WZ05FK Datasheet
143Kb / 7P
Triple Inverter (open drain)
16-Jan-2002
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06 Datasheet
88Kb / 8P
Triple Inverter with Open Drain Outputs
August, 2003 ??Rev. 2
logo
NXP Semiconductors
74HC3G06 NXP-74HC3G06 Datasheet
92Kb / 13P
Triple inverter with open-drain outputs
Rev. 03-11 May 2009
74LVC3G06 NXP-74LVC3G06 Datasheet
101Kb / 16P
Triple inverter with open-drain output
Rev. 07-12 March 2009
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06_12 Datasheet
107Kb / 5P
Triple Inverter with Open Drain Outputs
April, 2012 ??Rev. 6
logo
NXP Semiconductors
74HC_HCT3G06 PHILIPS-74HC_HCT3G06_15 Datasheet
182Kb / 14P
Triple inverter with open-drain outputs
Rev. 4-19 December 2013
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06_V01 Datasheet
162Kb / 11P
Triple Inverter with Open Drain Outputs
June, 2022 - Rev. 10
logo
Diodes Incorporated
74LVC3G06 DIODES-74LVC3G06 Datasheet
546Kb / 8P
TRIPLE INVERTER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 1 - 2
logo
Nexperia B.V. All right...
74HCT3G06 NEXPERIA-74HCT3G06 Datasheet
194Kb / 10P
Triple inverter with open-drain outputs
Rev. 5 - 1 May 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com