Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVCV2G66DC Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74LVCV2G66DC
Description  Overvoltage tolerant bilateral switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVCV2G66DC Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVCV2G66DC Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVCV2G66DC Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVCV2G66DC Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVCV2G66DC Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVCV2G66DC Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVCV2G66DC Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVCV2G66DC Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVCV2G66DC Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVCV2G66DC Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Nexperia
74LVCV2G66
Overvoltage tolerant bilateral switch
001aag495
VO
VCC
nZ/nY
nY/nZ
nE
logic
input
RL
1 MΩ
Rgen
CL
0.1 nF
Vgen
G
a. Test circuit
mna675
on
off
logic
input (nE)
VO
off
ΔVO
b. Input and output pulse definitions
Qinj = ΔVO x CL.
ΔVO = output voltage variation.
Rgen = generator resistance.
Vgen = generator voltage.
Fig. 19. Test circuit for measuring charge injection
74LVCV2G66
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 9 — 1 April 2021
13 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com