| Electronic Components Datasheet Search |
|
C30659-1060-R8B Datasheet(PDF) 8 Page - PerkinElmer Optoelectronics |
|
|
|||||||||||||||||||||||||||||
C30659-1060-R8B Datasheet(HTML) 8 Page - PerkinElmer Optoelectronics |
|
8 / 9 page ![]() www .optoelectr onics.perkinelmer.com C30659-900-1060-1550nm Series C30659-900-1060-1550nm Series Page 8 Table 4. Absolute - Maximum Ratings, Limiting Values C30659-900 C30659-1060 C30659-1550 (Si) (Si) (InGaAs) Min Typ Max Min Typ Max Min Typ Max Photodiode Bias Voltage: At TA = +70°C - - 600 - - 600 - - 100 V At TA = - 40°C - - 300 - - 300 - - 50 V Incident Radiant Flux Φ M average - - 0.11 - - 0.11 - - 21 mW peak - - 502 - - 502 - - 502 mW Case Temperature: Storage, Tstg -50 - 100 -50 - 100 -50 - 100 °C Operating, TA -40 - 70 -40 - 70 -40 - 70 °C Preamplifier Voltage: -4.5 - -5.5 -4.5 - -5.5 -4.5 - -5.5 V Notes: 1. Based on 0.5W electrical power on high voltage supply. 2. Test with pulse width of 50 ns. Figure 5. Mechanical Characteristics PIN CONNECTIONS 1: Signal Output 2: No Connection 3: -Vcc Negative Amplifier Bias 4: Positive high voltage 5: No Connection 6: Case Ground 7: No Connection 8: Temp. Sensing Diode - Anode 9: Temp. Sensing Diode - Cathode 10: Ground, DC returns 11: No Connection 12: +Vcc Positive Amplifier Bias 117142_C30659.qxd 6/21/04 2:33 PM Page 8 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |