Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D20NF06L-1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # D20NF06L-1
Description  N-channel 60V - 0.032OHM - 24A - DPAK - IPAK STripFET II Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D20NF06L-1 Datasheet(HTML) 3 Page - STMicroelectronics

  D20NF06L-1 Datasheet HTML 1Page - STMicroelectronics D20NF06L-1 Datasheet HTML 2Page - STMicroelectronics D20NF06L-1 Datasheet HTML 3Page - STMicroelectronics D20NF06L-1 Datasheet HTML 4Page - STMicroelectronics D20NF06L-1 Datasheet HTML 5Page - STMicroelectronics D20NF06L-1 Datasheet HTML 6Page - STMicroelectronics D20NF06L-1 Datasheet HTML 7Page - STMicroelectronics D20NF06L-1 Datasheet HTML 8Page - STMicroelectronics D20NF06L-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STD20NF06L - STD20NF06L-1
Electrical ratings
3/14
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
60
V
VGS
Gate-source voltage
± 18
V
ID
Drain current (continuous) at TC = 25°C
24
A
ID
Drain current (continuous) at TC = 100°C
17
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
96
A
PTOT
Total dissipation at TC = 25°C
60
W
Derating factor
0.4
W/°C
dv/dt (2)
2.
ISD < 24A, di/dt < 300A/ns, VDD = 80% V(BR)DSS
Peak diode recovery voltage slope
10
V/ns
EAS
(3)
3.
Starting Tj = 25°C, ID = IAR, VDD = 60V
Single pulse avalanche energy
225
mJ
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case Max
2.5
°C/W
Rthj-pcb(1)
1.
When mounted on 1 inch² FR-4 board, 2 oz of Cu
Thermal resistance junction-pcb Max
50
°C/W
Tl
Maximum lead temperature for soldering purpose
275
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com