Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS16D40CT Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # FS16D40CT
Description  16.0 Ampere Surface Mount Dual Doubler Polarity Ultra Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FS16D40CT Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  FS16D40CT Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FS16D40CT Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FS16D20CT thru FS16D120CT
Pb Free Plating Product
FS16D20CT thru FS16D120CT
Pb
16.0 Ampere Surface Mount Dual Doubler Polarity Ultra Fast Recovery Rectifiers
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.07T
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
UNIT
VRRM
200
400
600
800
1000
1200
V
VRMS
140
280
420
560
700
840
V
VDC
200
400
600
800
1000
1200
V
IF(AV)
A
IFSM
A
VF
(Typical)
IR
μA
μA
Trr
nS
CJ
pF
RθJC
℃
/W
TJ,TSTG
℃
Note:(1)Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
Note:(2)Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Note:(3)Thermal Resistance junction to case.
Typical Junction Capacitance (Note 2)
80
Typical Thermal Resistance (Note 3)
2.0
Operating Junction and Storage
Temperature Range
-55 to +175
Maximum Reverse Recovery Time (Note1)
PARAMETER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current TC=125℃
(Total Device 2x8.0A=16.0A)
16.0
Peak Forward Surge Current, 8.3ms single Half
sine-wave superimposed on rated load (JEDEC
method)(Per Diode/Per Leg)
160
Maximum Instantaneous Forward Voltage
@8.0A(Per Diode/Per Leg)
Maximum DC Reverse Current @TJ=25℃
At Rated DC Blocking Voltage @TJ=125℃
5.0
500
1.40-1.80
FS16D20CT
FS16D40CT
FS16D60CT
FS16D80CT
FS16D100CT
FS16D120CT
35-50
50-75
0.90-1.10
1.10-1.40
1.40-1.80
V
FS16D30CT
Features
TO-263AB/D2PAK
Unit:inch(mm)
※
ThinkiSemi latest&matured process FRD/FRED
※
Low forward voltage drop
※
High current capability
※
Low reverse leakage current
※
Low reverse leakage current
※
High surge current capability
Application
※
Automotive Inverters and Solar Inverters
※
Car Audio Amplifiers and Sound Device Systems
※
Plating Power Supply,Motor Control,UPS and SMPS etc.
Mechanical Data
※Case:Surface Mount TO-263AB/D2PAK package
※
Epoxy: UL 94V-0rateflame retardant
※
Epoxy: UL 94V 0 rate flame retardant
※
Terminals: Solderable per MIL-STD-202 method 208
※
Polarity: As marked on diode body
※
Mounting position: Any
※
Weight: 1.8 gram approximately
Positive
Negative
Common Cathode
Common Anode
Doubler
Doubler Polarity
Series
Series Connection
Prefix "FS16A"
Prefix "FS16D"
Prefix "FS16S"
Prefix "FS16C"
Case
Case
Case
Case


Similar Part No. - FS16D40CT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FS16 GOOD-ARK-FS16 Datasheet
400Kb / 4P
Surface Mount Schottky Rectifier
logo
First Silicon Co., Ltd
FS16 FS-FS16 Datasheet
280Kb / 2P
Schottky Rectifier
logo
TRIAD MAGNETICS
FS16-070 TRIAD-FS16-070 Datasheet
47Kb / 1P
FS16-070
logo
List of Unclassifed Man...
FS16-070 ETC2-FS16-070 Datasheet
136Kb / 2P
Power Transformers
logo
TRIAD MAGNETICS
FS16-070-C2 TRIAD-FS16-070-C2 Datasheet
56Kb / 1P
CLASS 2/3 TRANSFORMER
More results

Similar Description - FS16D40CT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MURF1620DR THINKISEMI-MURF1620DR_12 Datasheet
465Kb / 2P
16.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
UF1620DR THINKISEMI-UF1620DR Datasheet
483Kb / 2P
16.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
FED16BT THINKISEMI-FED16BT Datasheet
368Kb / 2P
16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
F16C20D THINKISEMI-F16C20D Datasheet
423Kb / 2P
16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
UF16C20D THINKISEMI-UF16C20D Datasheet
266Kb / 2P
16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
VF16C20D THINKISEMI-VF16C20D Datasheet
265Kb / 2P
16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
MUR1620CD THINKISEMI-MUR1620CD Datasheet
274Kb / 2P
16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MURB1620CD THINKISEMI-MURB1620CD Datasheet
305Kb / 2P
16.0 Ampere Surface Mount Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MURF1620CD THINKISEMI-MURF1620CD Datasheet
264Kb / 2P
16.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MUR1620FCR THINKISEMI-MUR1620FCR Datasheet
293Kb / 2P
16.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com