Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA2056 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA2056
Description  REAL ONE CHIP SOLUTION FOR BOTH AUTONOMOUS AND HOST BASED GPS APPLICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2056 Datasheet(HTML) 1 Page - STMicroelectronics

  STA2056 Datasheet HTML 1Page - STMicroelectronics STA2056 Datasheet HTML 2Page - STMicroelectronics STA2056 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
STA2056
PALINURO
January 2005
This is preliminary information on a new product now in development. Details are subject to change without notice.
1
MAIN FEATURES
1.1 RF SECTION
Complete RF for active antenna system
Easily interfaced to passive antenna
On-chip low phase noise VCO/PLL
On-chip integrated loop filter and IF filter
Integrated Wide Dynamic Range Mixer
Few external components required
Voltage supply operation 1.8V typical
Low power consumption (~15mA)
1.2 BASEBAND SECTION
ARM7TDMI
®Core (up to 64MHz)
STC8 12 channels correlator
256KB ROM
64KB RAM (4K backup)
3.3V for I/O
Internal 1.8V core supply
Low power consumption (~20mA@16MHz)
1.3 PERIPHERALS SECTION
4 channel sigma delta A/D
2 x UARTs 4 x timers RTC
GPIO pins multiplexed with alternate functions
I
2C
SPI
CAN 2.0 B active
External Memory Interface
(in TQFP176 package, development only)
1.4 Operating Temperature
-40°C +85°C
1.5 Package
VFQFPN68 10mm x 10mm
1.6 GPS LIBRARY
GPS code available in ROM for full GPS
functions and related peripherals.
Possible ROM customization for dedicated
applications (i.e. CAN based)
1.7 EVALUATION/DEVELOPMENT KIT
Evaluation kit for GPS performance test.
Standard library available with basic commands
to enable specific functions (GPIO, A/D
converter)
Development kit for software customization with
STA2056 with EMI option (STA2056B)
2
DESCRIPTION
STA2056 is one chip GPS featuring the complete
RF for active antenna systems and baseband
functionality in a QFN 68pin package. STA2056
System-on-Chip combines GPS performances
with low power consumption. Thanks to the few
external components STA2056 makes the appli-
cation simple and smaller.
DATA BRIEF
REAL ONE CHIP SOLUTION FOR BOTH AUTONOMOUS
AND HOST BASED GPS APPLICATION
Rev. 2
Figure 1. Package
Table 1. Order Codes
Part Number
Package
STA2056V
VFQFPN68
VFQFPN68 (10x10x1.0mm)


Similar Part No. - STA2056

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
STA20502 MSPI-STA20502 Datasheet
256Kb / 1P
Voltage Rating 12 to 24 Vdc
logo
STMicroelectronics
STA2051 STMICROELECTRONICS-STA2051 Datasheet
137Kb / 5P
32-BIT SINGLE CHIP BASEBAND CONTROLLER FOR GPS AND TELEMATIC APPLICATIONS
2004-Sep
STA2051E STMICROELECTRONICS-STA2051E Datasheet
137Kb / 5P
32-BIT SINGLE CHIP BASEBAND CONTROLLER FOR GPS AND TELEMATIC APPLICATIONS
2004-Sep
STA2051GO STMICROELECTRONICS-STA2051GO Datasheet
59Kb / 4P
Single Chip GPS Controller
10-Jan-2006
STA2058 STMICROELECTRONICS-STA2058 Datasheet
273Kb / 20P
Teseo GPS Platform high-sensitivity baseband
25-Jun-2007
More results

Similar Description - STA2056

ManufacturerPart #DatasheetDescription
logo
Agere Systems
DSP1648C AGERE-DSP1648C Datasheet
48Kb / 4P
Host-Based Controller V.92 Modem Chip Set
September 2001
logo
Linear Technology
LTC3676 LINER-LTC3676_15 Datasheet
559Kb / 38P
Power Management Solution for Application Processors
LTC3676-1 LINER-LTC3676-1_15 Datasheet
559Kb / 38P
Power Management Solution for Application Processors
logo
NXP Semiconductors
TEF665X_SDS PHILIPS-TEF665X_SDS_15 Datasheet
127Kb / 8P
DSP-based radio tuner one-chip
Rev. 1-30 July 2013
logo
Linear Technology
LTC3676EUJ LINER-LTC3676EUJ Datasheet
558Kb / 14P
Power Management Solution for Application Processors
LTC3676 LINER-LTC3676 Datasheet
517Kb / 38P
Power Management Solution for Application Processors
logo
Monolithic Power System...
MP2681B MPS-MP2681B Datasheet
724Kb / 23P
CC/CV Controller with Full Protection and Indication One Chip Solution for Power Tools Applications
logo
ON Semiconductor
FPF1C2P5BF07A ONSEMI-FPF1C2P5BF07A Datasheet
1Mb / 9P
F1 Module solution for PV-Application
Rev. C2
FPF1C2P5MF07AM ONSEMI-FPF1C2P5MF07AM Datasheet
1Mb / 11P
F1 Module solution for PV-Application
July. 2014 Rev. C1
logo
NXP Semiconductors
TEF665X NXP-TEF665X Datasheet
127Kb / 8P
DSP-based radio tuner one-chip
Rev. 1-30 July 2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com