Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6714TR Datasheet(PDF) 41 Page - STMicroelectronics

Part # L6714TR
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714TR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L6714TR Datasheet HTML 37Page - STMicroelectronics L6714TR Datasheet HTML 38Page - STMicroelectronics L6714TR Datasheet HTML 39Page - STMicroelectronics L6714TR Datasheet HTML 40Page - STMicroelectronics L6714TR Datasheet HTML 41Page - STMicroelectronics L6714TR Datasheet HTML 42Page - STMicroelectronics L6714TR Datasheet HTML 43Page - STMicroelectronics L6714TR Datasheet HTML 44Page - STMicroelectronics L6714TR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
L6714
Enable and disable
41/70
14
Enable and disable
L6714 has three different supplies: VCC pin to supply the internal control logic, VCCDRx to
supply the low side drivers and BOOTx to supply the high side drivers.
If the voltage at pins VCC and VCCDRx are not above the turn on thresholds specified in the
Electrical characteristics, the device is shut down: all drivers keep the MOSFET off to show
high impedance to the load.
Once the device is correctly supplied, proper operation is assured and the device can be
driven by the OUTEN pin to control the power sequencing.
Setting the pin free, the device implements a soft start up to the programmed voltage.
Shorting the pin to SGND, it resets the device (SS_END/PGOOD is shorted to SGND in this
condition) from any latched condition and also disables the device keeping all the MOSFET
turned off to show high impedance to the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com