Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC367 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HC367
Description  Hex buffer/line driver; 3-state
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC367 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC367 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC367 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC367 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC367 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC367 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC367 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC367 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC367 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC367 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Nexperia
74HC367; 74HCT367
Hex buffer/line driver; 3-state
4. Functional diagram
aaa-024815
3
1Y
2Y
3Y
4Y
5Y
6Y
6A
5A
1OE
2OE
4A
3A
2A
1A
5
7
9
11
13
2
4
6
10
1
12
14
15
Fig. 1. Logic symbol
aaa-024816
6
10
12
14
4
2
7
5
3
9
11
13
EN
1
EN
15
Fig. 2. IEC logic symbol
aaa-024817
one buffer/line driver
1A
VCC
GND
2A
3A
4A
5A
5Y
6Y
4Y
3Y
2Y
1Y
6A
1OE
2OE
Fig. 3. Logic diagram
74HC_HCT367
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 4 — 24 February 2021
2 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com