Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC29M33AT Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPC29M33AT
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC29M33AT Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPC29M33AT Datasheet HTML 6Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 7Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 8Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 9Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 10Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 11Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 12Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 13Page - Renesas Technology Corp UPC29M33AT Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet G15368EJ4V0DS
8
μPC29M33A, 29M05A
1.0
0.8
0.6
0.4
0.2
0
-25
25
50
75
100
125
150
0
I O = 0.5 A
VDIF vs. TJ
TJ - Operating Junction Temperature - ˚C
PC29M33A
μ
PC29M05A
μ
1.5
1.0
0.5
0.0
0
20
10
15
5
J
T = 0˚C
TJ = 25˚C
TJ = 125˚C
IOpeak vs. VDIF ( PC29M33A)
VDIF - Dropout Voltage - V
μ
1.5
1.0
0.5
0.0
0
20
10
15
5
TJ = 125˚C
TJ = 0˚C
TJ = 25˚C
VDIF - Dropout Voltage - V
IOpeak vs. VDIF ( PC2905A)
μ
80
70
0
100
1 k
10 k
100 k
60
50
40
30
20
10
R·R vs f
f - Frequency - Hz
TJ = 25˚C, IO = 0.5 A
4.3 V
≤ VIN ≤ 16 V
PC29M33A
6 V
≤ VIN ≤ 16 V
PC29M05A
PC29M05A
μ
PC29M33A
μ
μ
μ
80
70
30
0.1
0.2
0.3
0.5
0.4
0
60
50
40
IO - Output Current - A
R R vs. IO
.
PC29M05A
μ
PC29M33A
μ
TJ = 25˚C, f = 120 Hz
4.3 V
≤ VIN ≤ 16 V
PC29M33A
6 V
≤ VIN ≤ 16 V
PC29M05A
μ
μ
1.0
0
0.1
0.2
0.3
0.5
0.8
0.6
0.4
0.2
0
0.4
TJ = 25˚C
PC29M33A
PC29M05A
VDIF vs. IO
IO - Output Current - A
μ
μ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com