Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC2903T Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPC2903T
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2903T Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPC2903T Datasheet HTML 15Page - Renesas Technology Corp UPC2903T Datasheet HTML 16Page - Renesas Technology Corp UPC2903T Datasheet HTML 17Page - Renesas Technology Corp UPC2903T Datasheet HTML 18Page - Renesas Technology Corp UPC2903T Datasheet HTML 19Page - Renesas Technology Corp UPC2903T Datasheet HTML 20Page - Renesas Technology Corp UPC2903T Datasheet HTML 21Page - Renesas Technology Corp UPC2903T Datasheet HTML 22Page - Renesas Technology Corp UPC2903T Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
µ PC29xx Series
19
Data Sheet G10026EJ4V0DS
RECOMMENDED SOLDERING CONDITIONS
When soldering this product, it is highly recommended to observe the conditions as shown below. If other soldering
processes are used, or if the soldering is perfomed under different condition, please make sure to consult with our
sales offices.
For more details, refer to the Semiconductor Device Mount Manual
(http://www.necel.com/pkg/en/mount/index.html)
Surface mount devices
µPC29xxT Series: SC-63 (MP-3Z)
Process
Conditions
Symbol
Infrared ray reflow
Peak temperature: 235
°C or below (Package surface temperature),
IR35-00-3
Reflow time: 30 seconds or less (at 210
°C or higher),
Maximum number of reflow processes: 3 times or less.
VPS
Peak temperature: 215
°C or below (Package surface temperature),
VP15-00-3
Reflow time: 40 seconds or less (at 200
°C or higher),
Maximum number of reflow processes: 3 times or less.
Partial heating method
Pin temperature: 350
°C or below,
P350
Heat time: 3 seconds or less (Per each side of the device).
Caution Apply only one kind of soldering condition to a device, except for “partial heating method”, or the
device will be damaged by heat stress.
Remark Flux: Rosin-based flux sith low chlorine content (chlorine 0.2 Wt% or below) is recommended.
µPC29xxT-AZ Series Note1, µPC29xxT-AY Series Note2: SC-63 (MP-3Z)
Process
Conditions
Symbol
Infrared ray reflow
Peak temperature: 260
°C or below (Package surface temperature),
IR60-00-3
Reflow time: 60 seconds or less (at 220
°C or higher),
Maximum number of reflow processes: 3 times or less.
Partial heating method
Pin temperature: 350
°C or below,
P350
Heat time: 3 seconds or less (Per each side of the device).
Notes 1. Pb-free (This product does not contain Pb in the external electrode.)
2. Pb-free (This product does not contain Pb in the external electrode, Sn100% plating.)
Caution Apply only one kind of soldering condition to a device, except for “partial heating method”, or the
device will be damaged by heat stress.
Remark Flux: Rosin-based flux sith low chlorine content (chlorine 0.2 Wt% or below) is recommended.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com