Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GDPCOX13 Datasheet(PDF) 4 Page - Greystone Energy Systems Inc.

Part # GDPCOX13
Description  CARBON MONOXIDE/NITROGEN DIOXIDE DETECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

GDPCOX13 Datasheet(HTML) 4 Page - Greystone Energy Systems Inc.

  GDPCOX13 Datasheet HTML 1Page - Greystone Energy Systems Inc. GDPCOX13 Datasheet HTML 2Page - Greystone Energy Systems Inc. GDPCOX13 Datasheet HTML 3Page - Greystone Energy Systems Inc. GDPCOX13 Datasheet HTML 4Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-GDTXXX-06
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
CALIBRATION KIT
GDT-CALKIT-CNC
DESCRIPTION
The GDT-CALKIT-CNC is a kit to correctly calibrate the Greystone Model GDT CO/NO
2 detectors. The GDT-CALKIT-CNC includes:
•
Tubing
•
Regulator
•
Calibration Cap
•
Carrying Case
•
Sponge (For CO only)
Note: Calibration Gas is not included. To be purchased locally.
Calibration Gas Requirements (103 liter tanks):
250ppm CO in air,
10ppm NO
2 in air
PRE-CALIBRATED SENSOR REPLACEMENT:
The GDT sensor features a gas sensor POD that is pre-calibrated. This means that the POD can simply be replaced with a new calibrated POD if desired without
having to remove the enclosure and the main processor board. This sensor swap can be completed in seconds. Simply unplug the POD cable connection from the
main board in enclosure, remove the POD by unscrewing counter clockwise, install the POD by screwing it in clockwise and reconnect the POD cable to connector
on main PCB. There is no need to make any adjustments or apply gas to the transmitter using the sensor swap method.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com