Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS2BB-1RT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LS2BB-1RT
Description  Surface Mountable Illuminated Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LS2BB-1RT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LS2BB-1RT Datasheet HTML 1Page - List of Unclassifed Manufacturers LS2BB-1RT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
69
用途/ Application
ルミスイッチLS20シリーズは操作用スイッ
チとして次のような製品に使用できます。
TV、
VTR、
音響機器、
車載用機器、
通信
用機器、
計測機器、ファクシミリ、
電話
機、
カーオーディオ製品等。
LUMISWITCH, LS20 series, can be used as a
function control switch in the following applications.
TV, VCR, audio equipment, automotive
and telecommunication equipment,
measuring instruments, facsimiles,
telephone sets, car audio products etc.
諸特性/ Characteristics
※IFP の条件は duty
1/10 、パルス巾 0.1msec です。
※ Condition for IFP is pulse of 1/10 duty and 0.1msec width.
■絶対最大定格/Absolute Maximum Rating
スイッチ部/Switch portion
12V 20mA
LED部(各LEDにつき)/LED portion (Per LED chip) (Ta 25℃)
項目
記号
定格値 
Item
Symbol
Rating
許容損失
(mW)
PD
65
Power dissipation
順電流
(mA)
IF
25
Forward current
パルス順電流
(mA)
IFP
100※
Pulse forward current
逆電圧
(V)
VR
5
Reverse voltage
使用温度範囲
(℃ )
ー30 ∼+80
Operating temperature range
保存温度範囲
(℃ )
ー40 ∼+90
Storage temperature range
項目/Item
スイッチ作動力/Switch operating force
1.18N
1.77N
2.35N
最大定格/Maximum rating
DC12V 20mA
接触抵抗/Contact resistance
100mΩ以下/100mΩ or less
絶縁抵抗/Insulation resistance
100MΩ以上/100MΩ or more
耐電圧/Withstanding voltage
AC250V 1分間/AC250V for one minute
バウンス/Bounce
20ms以下/20ms or less
ストローク/Stroke
0.25mm
作動力/Operating force
1.18±0.39N
1.77±0.49N
2.35±0.59N
動作寿命/Operating life (times)
10万回以上
5万回以上
3万回以上
100,000 or more 50,000 or more
30,000 or more
■電気的・光学的・機械的特性/Electro-optical and Mechanical Characteristics
スイッチ部/Switch portion
(Ta 25℃)
標準輝度 赤/Red
20
2.2
2.6
700
100
20
0.74
1.78
橙/Orange
20
2.2
2.6
605
40
20
3.4
10
黄/Yellow
20
2.1
2.6
589
40
20
3.5
8.32
緑/Green
20
2.2
2.6
567
26
20
3.3
13.2
新緑/Fresh green
20
2.2
2.6
560
26
20
3.0
8.6
純緑/Pure green
20
2.2
2.6
557
24
20
1.3
3.4
高輝度
橙/Super
brightness orange
20
2.0
2.6
630
40
20
3.35
9.7
超高輝度
赤/Ultra
brightness red
20
1.8
2.6
660
20
20
4.8
17.2
発光色
Lighting color
VF
λP
Δλ
IV※
IF
typ
max
typ
typ
If
min
typ
(mA)
(V)
(V)
(nm)
(nm)
(mA) (mcd) (mcd)
※ NIST 規格に準拠 ※ Per NIST standards
LED部/LED portion
(Ta 25℃)
①
②
⑤
⑥
③
④
3.1
1.0
φ4.6
φ4.4
7.0
①
②
⑤
⑥
③
④
5.0
0.6
1.25
1.1
Light emitting center
of left side
左側発光中心
※UR,HRは極性が逆です。
※Polarity is reversed
 on the UR and HR.
■外形寸法図/Outline drawing
1.6
 
2.0
2.4
2.8
VF(V)
50
30
10
5
1
3
100
IF-VF 特性
IF-VF Characteristics
R
D
SD
PG
Y/G/FG/YG
120
20
40
60
80
100
50
°
60
°
70
°
80
°
90
°
50
°
60
°
70
°
80
°
90
°
40
°   30°  20° 10°  0°
10
° 20°  30°
40
°
指向特性
Directive Characteristics
0
T a (°C)
- 30 - 20
0
20
40
60
80
100
30
25
20
15
5
10
IFmax-Ta 特性
IFmax-Ta Characteristics
G
1
2
3
5
10
20
50
50
20
10
5
3
1
2
0.5
IF(
mA)
Iv-IF 特性
Iv-IF Characteristics
SD
R
FG
PG
Y
R
D
Y
-30
-20
0
20
40
60
80
100
2.6
2.4
2.2
2.0
1.6
1.8
VF-Ta 特性
VF-Ta Characteristics
T a (°C)
Y/G/FG/YG
SD
D
Y
R
Iv-Ta 特性
Iv-Ta Characteristics
500
200
100
50
20
-30
-20
0
20
40
60
80
100
T a (°C)
G/PG/FG/SD/YG
単位/Unit : mm
LS22BBタイプ/LS22BB type
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
リフローはんだ用
For reflow soldering
1.0
1.0
1.0 2.0
0.6 0.5
0.95 0.95
1.0
2.0 2.0
LED 部以外はLS21BB、
LS20BBに共通。
Same as for LS21BB and LS20BB except for LED portion.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com