Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC505-04/P Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC16LC505-04/P
Description  14-Pin, 8-Bit CMOS Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC505-04/P Datasheet(HTML) 1 Page - Microchip Technology

  PIC16LC505-04/P Datasheet HTML 1Page - Microchip Technology PIC16LC505-04/P Datasheet HTML 2Page - Microchip Technology PIC16LC505-04/P Datasheet HTML 3Page - Microchip Technology PIC16LC505-04/P Datasheet HTML 4Page - Microchip Technology PIC16LC505-04/P Datasheet HTML 5Page - Microchip Technology PIC16LC505-04/P Datasheet HTML 6Page - Microchip Technology PIC16LC505-04/P Datasheet HTML 7Page - Microchip Technology PIC16LC505-04/P Datasheet HTML 8Page - Microchip Technology PIC16LC505-04/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40192A-page 1
Device included in this Data Sheet:
PIC16C505
High-Performance RISC CPU:
• Only 33 instructions to learn
• Operating speed:
- DC - 20 MHz clock input
- DC - 200 ns instruction cycle
• Direct, indirect and relative addressing modes for
data and instructions
• 12 bit wide instructions
• 8 bit wide data path
• 2-level deep hardware stack
• Eight special function hardware registers
• Direct, indirect and relative addressing modes for
data and instructions
• All single cycle instructions (200 ns) except for
program branches which are two-cycle
Peripheral Features:
• 11 I/O pins with individual direction control
• 1 input pin
• High current sink/source for direct LED drive
• Timer0: 8-bit timer/counter with 8-bit
programmable prescaler
FIGURE 1:
PIN DIAGRAM:
Device
Memory
Program
Data
PIC16C505
1024 x 12
72 x 8
PDIP, SOIC, Ceramic Side Brazed
VDD
RB5/OSC1/CLKIN
RB4/OSC2/CLKOUT
RB3/MCLR/VPP
RC5/T0CKI
RC4
RC3
VSS
RB0
RB1
RB2
RC0
RC1
RC2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Special Microcontroller Features:
• In-Circuit Serial Programming (ICSP™)
• Power-on Reset (POR)
• Device Reset Timer (DRT)
• Watchdog Timer (WDT) with dedicated on-chip
RC oscillator for reliable operation
• Programmable Code Protection
• Internal weak pull-ups on I/O pins
• Wake-up from Sleep on pin change
• Power-saving Sleep mode
• Selectable oscillator options:
- INTRC: Precision internal 4 MHz oscillator
- EXTRC: External low-cost RC oscillator
- XT:
Standard crystal/resonator
- HS:
High speed crystal/resonator
- LP:
Power saving, low frequency
crystal
CMOS Technology:
• Low-power, high-speed CMOS EPROM
technology
• Fully static design
• Wide operating voltage range (2.5V to 5.5V)
• Wide temperature ranges
- Commercial: 0˚C to +70˚C
- Industrial: -40˚C to +85˚C
- Extended: -40˚C to +125˚C
- < 1.0
µA typical standby current @ 5V
• Low power consumption
- < 2.0 mA @ 5V, 4 MHz
- 15
µA typical @ 3.0V, 32 kHz for TMR0 run-
ning in SLEEP mode
- < 1.0
µA typical standby current @ 5V
PIC16C505
14-Pin, 8-Bit CMOS Microcontroller


Similar Part No. - PIC16LC505-04/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LC54A-04/P MICROCHIP-PIC16LC54A-04/P Datasheet
1Mb / 217P
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16LC54A-04/SO MICROCHIP-PIC16LC54A-04/SO Datasheet
1Mb / 217P
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16LC54A-04/SS MICROCHIP-PIC16LC54A-04/SS Datasheet
1Mb / 217P
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16LC54A-04E/P MICROCHIP-PIC16LC54A-04E/P Datasheet
1Mb / 217P
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16LC54A-04E/SO MICROCHIP-PIC16LC54A-04E/SO Datasheet
1Mb / 217P
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
More results

Similar Description - PIC16LC505-04/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F872 MICROCHIP-PIC16F872 Datasheet
2Mb / 160P
28-Pin, 8-Bit CMOS FLASH Microcontroller
1999
P12C508 MICROCHIP-P12C508 Datasheet
526Kb / 84P
8-Pin, 8-Bit CMOS Microcontroller
1996
PIC12F510 MICROCHIP-PIC12F510 Datasheet
1Mb / 114P
8/14-Pin, 8-Bit Flash Microcontroller
2006
logo
Toshiba Semiconductor
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
CMOS 8-BIT Microcontroller
19-Jul-2000
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
CMOS 8-Bit Microcontroller
17-Jun-2003
logo
Microchip Technology
PIC12F510 MICROCHIP-PIC12F510_07 Datasheet
1Mb / 116P
8/14-Pin, 8-Bit Flash Microcontroller
2007
PIC16F526 MICROCHIP-PIC16F526 Datasheet
1Mb / 122P
14-Pin, 8-Bit Flash Microcontroller
2010
PIC12F615 MICROCHIP-PIC12F615_05 Datasheet
177Kb / 4P
8/14-Pin, 8-Bit Flash Microcontroller Product Brief
2005
PIC12F529T39A MICROCHIP-PIC12F529T39A Datasheet
1Mb / 106P
14-Pin, 8-Bit Flash Microcontroller
11/29/11
PIC16LF1614 MICROCHIP-PIC16LF1614 Datasheet
5Mb / 584P
14/20-Pin, 8-Bit Flash Microcontroller
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com