Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR4925XB Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TMPR4925XB
Description  64-bit RISC MICROPROCESSOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925XB Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TMPR4925XB Datasheet HTML 3Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 4Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 5Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 6Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 7Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 8Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 9Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 10Page - Toshiba Semiconductor TMPR4925XB Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
INTEGRATED CIRCUIT
TOSHIBA RISC PROCESSOR
TMPR4925XB
TENTATIVE
EJC-TMPR4925XB-7
26/Dec/01 Rev 0.1
TOSHIBA CORPORATION
n Timers / Counters Controller ( TMR )
The TX4925 contains 3-channel timer / counters.
• 3-channel 32-bit up-counter
• Supports three modes : interval timer mode, pulse generator mode, and watchdog timer
mode
• 2 timer output pins
• 1 count clock input pin
n Parallel I/O Ports ( PIO )
The TX4925 contains 32-bit parallel I/O ports
• Independent selection of direction of pins and output port type ( totem-pole or open-drain
outputs ) on a per bit basis.
(PIO[4,2,0] are input-only pins.)
n AC-link controller ( ACLC )
The TX4925 contains an AC-link controller, which can be operated using any audio and / or
modem CODECs described in Audio CODEC’97 Revision 2.1 ( AC’97 ).
• Supports up to two CODECs
• Supports recording and playback for right and left 16-bit PCM channels
• Supports playback for 16-bit surround, center, and LFE channels
• Supports audio recording and layback at variable rate
• Supports Line1 and GPIO slots for modem CODEC
• Supports AC-link low power mode, wakeup, and warm reset
• Supports input / output of sample data by DMA transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com