Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F6010AT-20E/S Datasheet(PDF) 3 Page - Microchip Technology

Part # DSPIC30F6010AT-20E/S
Description  High-Performance Digital Signal Controllers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F6010AT-20E/S Datasheet(HTML) 3 Page - Microchip Technology

  DSPIC30F6010AT-20E/S Datasheet HTML 1Page - Microchip Technology DSPIC30F6010AT-20E/S Datasheet HTML 2Page - Microchip Technology DSPIC30F6010AT-20E/S Datasheet HTML 3Page - Microchip Technology DSPIC30F6010AT-20E/S Datasheet HTML 4Page - Microchip Technology DSPIC30F6010AT-20E/S Datasheet HTML 5Page - Microchip Technology DSPIC30F6010AT-20E/S Datasheet HTML 6Page - Microchip Technology DSPIC30F6010AT-20E/S Datasheet HTML 7Page - Microchip Technology DSPIC30F6010AT-20E/S Datasheet HTML 8Page - Microchip Technology DSPIC30F6010AT-20E/S Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 218 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS70119D-page 1
dsPIC30F6010
High-Performance Modified RISC CPU:
• Modified Harvard architecture
• C compiler optimized instruction set architecture
with flexible Addressing modes
• 84 base instructions
• 24-bit wide instructions, 16-bit wide data path
• 144 Kbytes on-chip Flash program space
(Instruction words)
• 8 Kbytes of on-chip data RAM
• 4 Kbytes of non-volatile data EEPROM
• Up to 30 MIPs operation:
- DC to 40 MHz external clock input
- 4 MHz-10 MHz oscillator input with
PLL active (4x, 8x, 16x)
• 44 interrupt sources
- 5 external interrupt sources
- 8 user selectable priority levels for each
interrupt source
- 4 processor trap sources
• 16 x 16-bit working register array
DSP Engine Features:
• Dual data fetch
• Accumulator write back for DSP operations
• Modulo and Bit-Reversed Addressing modes
• Two, 40-bit wide accumulators with optional
saturation logic
• 17-bit x 17-bit single cycle hardware fractional/
integer multiplier
• All DSP instructions single cycle
• ± 16-bit single cycle shift
Peripheral Features:
• High current sink/source I/O pins: 25 mA/25 mA
•Timer module with programmable prescaler:
- Five 16-bit timers/counters; optionally pair
16-bit timers into 32-bit timer modules
• 16-bit Capture input functions
• 16-bit Compare/PWM output functions
•3-wire SPITM modules (supports 4 Frame modes)
•I2CTM module supports Multi-Master/Slave mode
and 7-bit/10-bit addressing
• 2 UART modules with FIFO Buffers
• 2 CAN modules, 2.0B compliant
Motor Control PWM Module Features:
• 8 PWM output channels
- Complementary or Independent Output
modes
- Edge and Center Aligned modes
• 4 duty cycle generators
• Dedicated time base
• Programmable output polarity
• Dead Time control for Complementary mode
• Manual output control
• Trigger for A/D conversions
Quadrature Encoder Interface Module
Features:
• Phase A, Phase B and Index Pulse input
• 16-bit up/down position counter
• Count direction status
• Position Measurement (x2 and x4) mode
• Programmable digital noise filters on inputs
• Alternate 16-bit Timer/Counter mode
• Interrupt on position counter rollover/underflow
Note: This data sheet summarizes features of this group
of dsPIC30F devices and is not intended to be a complete
reference source. For more information on the CPU,
peripherals, register descriptions and general device
functionality, refer to the dsPIC30F Family Reference
Manual (DS70046). For more information on the device
instruction set and programming, refer to the dsPIC30F
Programmer’s Reference Manual (DS70030).
dsPIC30F6010 Enhanced Flash
16-bit Digital Signal Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com