Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC1093 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPC1093
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1093 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPC1093 Datasheet HTML 9Page - Renesas Technology Corp UPC1093 Datasheet HTML 10Page - Renesas Technology Corp UPC1093 Datasheet HTML 11Page - Renesas Technology Corp UPC1093 Datasheet HTML 12Page - Renesas Technology Corp UPC1093 Datasheet HTML 13Page - Renesas Technology Corp UPC1093 Datasheet HTML 14Page - Renesas Technology Corp UPC1093 Datasheet HTML 15Page - Renesas Technology Corp UPC1093 Datasheet HTML 16Page - Renesas Technology Corp UPC1093 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
µPC1093
11
5 PIN PLASTIC MINI MOLD
B
A
C
0.95 (T.P.)
2.9
±0.2
0.3
S5TA-95-15A
ITEM
MILLIMETERS
B
R
K
M
L
detail of lead end
J
C
D
F
N
D
0.32+0.05
−0.02
E
F
1.4 MAX.
0.05
±0.05
G
1.1+0.2
−0.1
H
2.8
±0.2
I
1.5+0.2
−0.1
J
0.65+0.1
−0.15
K
0.16+0.1
−0.06
M
N
R5
°±5°
S
M
S
G
E
A
H
I
L
0.4
±0.2
0.19
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com