Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC1555C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC1555C
Description  MOS INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1555C Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC1555C Datasheet HTML 1Page - Renesas Technology Corp UPC1555C Datasheet HTML 2Page - Renesas Technology Corp UPC1555C Datasheet HTML 3Page - Renesas Technology Corp UPC1555C Datasheet HTML 4Page - Renesas Technology Corp UPC1555C Datasheet HTML 5Page - Renesas Technology Corp UPC1555C Datasheet HTML 6Page - Renesas Technology Corp UPC1555C Datasheet HTML 7Page - Renesas Technology Corp UPC1555C Datasheet HTML 8Page - Renesas Technology Corp UPC1555C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
©
1986
The
µPC1555 is a powerful integrated circuit. Adding a few external parts to it can turn it into various types of
timing signal generators, such as monostable and astable multivibrators. It has trigger, threshold, and control pins.
Inputting a signal to the reset pin can stop the circuit operation easily. In addition, the output can sink current as high
as 200 mA (maximum). So, it can be used to drive relays and lamps.
TYPICAL CHARACTERISTICS
FEATURES
• Supply voltage
: 4.5 to 16 V
• Monostable and astable oscillation
• Circuit current (VCC = 5 V) : 3 mA
• Interfacing directly with TTL-level signals
• Output current capacity
: 200 mA
• Variable duty cycle
• Temperature stability
: 0.005%/
°C
• Rising and falling time
: 100 ns
ORDERING INFORMATION
PIN CONFIGURATION (TOP VIEW)
Part number
Package
µPC1555C
8-pin plastic DIP (300 mil)
µPC1555G2 8-pin plastic SOP (225 mil)
EQUIVALENT CIRCUIT
DATA SHEET
Document No.
G10649EJ6V0DS00 (6th edition)
(Previous No. IC-1979)
Date Published November 1995 P
Printed in Japan
TIMER CIRCUIT
MOS INTEGRATED CIRCUIT
Bipolar Analog Integrated Circuit
µPC1555
1
GND
Trigger
Output
Reset
VCC
Discharge
Threshold
Control voltage
2
3
4
8
7
R
COMP
COMP
R
R
VREF
6
5
Flip-flop
Output
stage
VCC
R2
8
6
5
2
(3VCC)
1
2
4
7
GND
Q5
R4
R5
Q11
Q6
Q3
Q2
Q8
Q15
Q22
Q27
Q18
Q19
Q20
Q23
Q26
Q16
Q21
Q17
Q24
Q28
Q7
Q12
Q25
Q14
Q13
Q10
Q9
Q1
Q4
1 k
Ω
R3
5 k
Ω
R7
4.7 k
Ω
R8
100
Ω
3.3k
Ω
R10
120
R6
7.5k
Ω
R11
6.2
k
Ω
R12
3
3.9
k
Ω
R1
10 k
Ω
5 k
Ω
5 k
Ω
Output
Threshold
Control
Trigger
Reset
Discharge
R9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com