Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF131 Datasheet(PDF) 5 Page - Teledyne Technologies Incorporated

Part # RF131
Description  HIGH REPEATABILITY SPDT, BROADBAND 12 GHZ, 20 Gbps NON-LATCHING RF RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

RF131 Datasheet(HTML) 5 Page - Teledyne Technologies Incorporated

  RF131 Datasheet HTML 1Page - Teledyne Technologies Incorporated RF131 Datasheet HTML 2Page - Teledyne Technologies Incorporated RF131 Datasheet HTML 3Page - Teledyne Technologies Incorporated RF131 Datasheet HTML 4Page - Teledyne Technologies Incorporated RF131 Datasheet HTML 5Page - Teledyne Technologies Incorporated RF131 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2021 TELEDYNE RELAYS
(800) 284-7007 • www.teledynedefenseelectronics.com
Page 5
Series RF131
SPDT Non-Latching
DC-12GHz, 20Gbps RF Relay
RF131\112021
SIGNAL INTEGRITY CHARACTERISTICS
0 V
+225 mV
-225 mV
0 ps
20 ps
40 ps
60 ps
80 ps
Bit Rate
Eye Height
Eye Width
Jitter
P-P
20 Gbps
360 mV
40.3 ps
6.93 ps
100 ps
PATTERN GENERATOR SETTINGS
20 Gbps Random Pulse Pattern Generator
231 - 1 PRBS signal pattern
PRBS output of 500 mV
P-P (nominal)
RF PCB effect (negligible) not removed from measurement
Data shown is typical of both contacts
Data based on RF121 which has an identical contact system and waveguide



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com