Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CRT-40K70-R Datasheet(PDF) 4 Page - Teledyne Technologies Incorporated

Part # CRT-40K70-R
Description  DC–40 GHz, Terminated Latching SPDT Coaxial Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CRT-40K70-R Datasheet(HTML) 4 Page - Teledyne Technologies Incorporated

  CRT-40K70-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CRT-40K70-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CRT-40K70-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CRT-40K70-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CRT-40K70-R Datasheet HTML 5Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
© 2023 TELEDYNE COAX SWITCHES
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
Page 4
CCRT-40\CRT-40\032023
Series CCRT-40/CRT-40
DC–40 GHz, Terminated
Latching SPDT Coaxial Switch
COAX SWITCHES
+1 (800) 284-7007 • www.teledynerelays.com
Power Handling vs. Frequency
Estimates based on the following reference conditions:
• Ambient temperature of 40°C or less
• Sea level operation
• Load VSWR of 1.20:1 maximum
• No high-power (hot) switching
TYPICAL POWER PERFORMANCE CURVE
.1
.2
.3
.4
.6
.8 1
2
4
6
8 10
18 26.5 40
3000
2000
1000
800
600
400
300
200
100
80
60
40
30
20
10
5
STANDARD
2.92mm
SWITCHES
FREQUENCY (GHz)
Power Handling Derating vs. Load VSWR
Load VSWR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com