Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CRT-40K8D-R Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # CRT-40K8D-R
Description  DC–40 GHz, Terminated Latching SPDT Coaxial Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CRT-40K8D-R Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  CRT-40K8D-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CRT-40K8D-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CRT-40K8D-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CRT-40K8D-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CRT-40K8D-R Datasheet HTML 5Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2023 TELEDYNE COAX SWITCHES
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
Page 2
CCRT-40\CRT-40\032023
Series CCRT-40/CRT-40
DC–40 GHz, Terminated
Latching SPDT Coaxial Switch
COAX SWITCHES
+1 (800) 284-7007 • www.teledynerelays.com
SCHEMATICS AND MECHANICAL OUTLINE
TRUTH TABLE (w/ TTL Option)
Logic Input
RF Path
Indicator
(if applicable)
1
2
IN
to 1
IN
to 2
A
B
0
0
No Change
1
0
On
Off
C
0
0
1
Off
On
0
C
1
1
Forbidden
Analog
Indicators
TTL
Analog
Indicators
TTL
ANALOG INPUT TERMINALS WITH
INDICATOR
TTL DRIVER
ANALOG INPUT TERMINALS
9 PIN D-SUB PINOUT FOR LATCHING SPDT
OPTIONS
Pin No.
Standard
Indicator
TTL
TTL + IND
1
POS 1
POS 1
2
POS 2
POS 2
3
COM
COM
COM
COM
4
TTL 1
TTL 1
5
6
Vsw
Vsw
7
IND 1 (A)
IND 1 (A)
8
IND 2 (B)
IND 2 (B)
9
IND COM (C)
IND COM (C)
Standard Model with Indicators
2
IN
1
D-Sub with TTL Model
K
= (
H)
= (
H)
*Height (H) will change based on options selected
H = 1.75 max for indicator or standard model
H = 2.05 max with D-Sub Connector
H = 2.20 max with TTL
- Contact factory for additional model outlines



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com