Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CRT-40K9D-R Datasheet(PDF) 5 Page - Teledyne Technologies Incorporated

Part # CRT-40K9D-R
Description  DC–40 GHz, Terminated Latching SPDT Coaxial Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CRT-40K9D-R Datasheet(HTML) 5 Page - Teledyne Technologies Incorporated

  CRT-40K9D-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CRT-40K9D-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CRT-40K9D-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CRT-40K9D-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CRT-40K9D-R Datasheet HTML 5Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2023 TELEDYNE COAX SWITCHES
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
Page 5
CCRT-40\CRT-40\032023
Series CCRT-40/CRT-40
DC–40 GHz, Terminated
Latching SPDT Coaxial Switch
COAX SWITCHES
+1 (800) 284-7007 • www.teledynerelays.com
Actuator
An actuator is the electromechanical
mechanism that transfers the RF
contacts from one position to another
upon DC command.
Arc Suppression Diode
A diode is connected in parallel with
the coil. This diode limits the “reverse
EMF spike” generated when the coil
de-energizes to 0.7 volts. The diode
cathode is connected to the positive
side of the coil and the anode is
connected to the negative side.
Date Code
All switches are marked with either a
unique serial number or a date code.
Date codes are in accordance with
MIL-STD-1285 Paragraph 5.2.5 and
consist of four digits. The first two digits
define the year and the last two digits
define the week of the year (YYWW).
Thus, 1032 identifies switches that
passed through final inspection during
the 32nd week of 2010.
Fail-safe
A fail-safe switch reverts to the default
or fail-safe position when actuating
voltage is removed. This is realized
by a return spring within the drive
mechanism. This type of switch
requires the continuous application of
operating voltage to select and hold
any position. (Multi-position switches
are normally open with no voltage
applied).
Latching
A latching switch remains in the
selected position whether or not
voltage is maintained. This can be
accomplished with either a magnetic or
mechanical latching mechanism.
Indicator
Indicators tell the system which
position the switch is in. Other names
for indicators are telemetry contacts or
tell back circuit. Indicators are usually a
set of internally mounted DC contacts
linked to the actuator. They can be
wired to digital input lines, status
lights, or interlocks. Unless otherwise
specified, the maximum indicator
contact rating is 30 Vdc, 50 mA, or 1.5
Watts into a resistive load.
Internal Termination
Unselected
ports
are
internally
terminated to a matched load. The load
is 50Ω resistive device. The max RF
power rating is 2 Watts CW. Without
the internal termination option, the
unselected ports are open circuits.
Isolation
Isolation is the measure of the power
level at the output connector of an
unconnected RF channel as referenced
to the power at the input connector. It is
specified in dB below the input power
level.
Self-Cutoff
The self-cutoff option disables the
actuator current on completion of
actuation.
Either a series contact
(linked to the actuator) or an IC
driver circuit provides the current
cutoff. This option results in minimum
power consumption by the RF switch.
Cutthroat is another name used in the
industry for this option. Pulse latching
is a term used to describe a switch
without this feature.
SPDT Switch
A single-pole-double-throw, has one
input and two output ports.
Switching Time
Switching time is the total interval
beginning with the arrival of the
leading edge of the command pulse
at the switch DC input and ending with
the completion of the switch transfer,
including contact bounce. It consists of
three parts: (1) inductive delay in the
coil, (2) transfer time of the physical
movement of the contacts, and (3) the
bounce time of the RF contacts.
TTL Switch Driver Option
As a special option, switch drivers
can be provided for both fail-safe
and latching switches, which are
compatible with industry-standard low-
power Schottky TTL circuits.
Performance Parameters vs
Frequency
Generally
speaking,
the
RF
performance of coaxial switches is
frequency dependent. With increasing
frequency, VSWR and insertion loss
increase while isolation decreases.
All data sheets specify these three
parameters as “worst case” at the
highest operating frequency. If the
switch is to be used over a narrow
frequency band, better performance
can be achieved.
Actuator Current vs Temperature
The resistance of the actuator coil
varies as a function of temperature.
There is an inverse relationship
between the operating temperature
of the switch and the actuator drive
current. For switches operating at 28
VDC, the approximate actuator drive
current at temperature, T, can be
calculated using the equation:
Magnetic Sensitivity
An electromechanical switch can be
sensitive to ferrous materials and
external magnetic fields. Neighboring
ferrous materials should be permitted
no closer than 0.5 inches and adjacent
external magnetic fields should be
limited to a flux density of less than 5
Gauss.
GLOSSARY
I
A
[1 + .00385 (T-20)]
Where:
I
T = Actuator current at temperature, T
I
A = Room temperature actuator current –
see data sheet
T = Temperature of interest in °C
I
T =



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com