Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPRH1207F-331M Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TPRH1207F-331M
Description  Power Inductor SMD (12.0 X 12.0 X 8.0 mm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TPRH1207F-331M Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TPRH1207F-331M Datasheet HTML 1Page - Transko Electronics, Inc. TPRH1207F-331M Datasheet HTML 2Page - Transko Electronics, Inc. TPRH1207F-331M Datasheet HTML 3Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPRH1207F Series
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 10
-
02
-
2018
Power Inductor SMD (12.0 X 12.0 X 8.0 mm)
FEATURES
•
Magnetic shielded
•
Halogen Free RoHS compliant
SPECIFICATION
DC Resistance
Rated DC Current (A) Max.
Part No.
Inductance (µH)
Marking
Max. (mΩ )
TPRH1207F-4R7M
4.7 ±20%
4R7
16.0
6.80
TPRH1207F-100M
10 ±20%
100
22.0
5.40
TPRH1207F-120M
12 ±20%
120
25.0
4.90
TPRH1207F-150M
15 ±20%
150
27.0
4.50
TPRH1207F-180M
18 ±20%
180
40.0
3.90
TPRH1207F-220M
22 ±20%
220
44.0
3.60
TPRH1207F-270M
27 ±20%
270
46.0
3.40
TPRH1207F-330M
33 ±20%
330
65.0
3.00
TPRH1207F-390M
39 ±20%
390
73.0
2.75
TPRH1207F-470M
47 ±20%
470
100.0
2.50
TPRH1207F-560M
56 ±20%
560
110.0
2.35
TPRH1207F-680M
68 ±20%
680
140.0
2.10
TPRH1207F-820M
82 ±20%
820
160.0
1.95
TPRH1207F-101M
100 ±20%
101
220.0
1.70
TPRH1207F-121M
120 ±20%
121
250.0
1.60
TPRH1207F-151M
150 ±20%
151
280.0
1.42
TPRH1207F-181M
180 ±20%
181
350.0
1.30
TPRH1207F-221M
220 ±20%
221
390.0
1.16
TPRH1207F-271M
270 ±20%
271
560.0
1.06
TPRH1207F-331M
330 ±20%
331
640.0
0.95
TPRH1207F-391M
390 ±20%
391
700.0
0.88
TPRH1207F-471M
470 ±20%
471
980.0
0.79
TPRH1207F-561M
560 ±20%
561
1070
0.73
TPRH1207F-681M
680 ±20%
681
1460
0.67
TPRH1207F-821M
820 ±20%
821
1640
0.60
TPRH1207F-102M
1000 ±20%
102
1820
0.55
•
Measurement frequency of Inductance value : at 1KHz, 0.25V
•
Test equipment: CH1062A / CH1320
A
B
C
G
H
I
mm
12.00 ±0.30
12.00 ±0.30
8.00 Max
12.60 REF
5.40 REF
7.00 REF
SOLDER PATTERN
SCHEMATIC
DIMENSION


Similar Part No. - TPRH1207F-331M

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TPRH1207 FENGJUI-TPRH1207 Datasheet
146Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH1207 FENGJUI-TPRH1207 Datasheet
163Kb / 4P
SMD POWER INDUCTOR-RoHS
TPRH1207M FENGJUI-TPRH1207M Datasheet
148Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH1207M-100M FENGJUI-TPRH1207M-100M Datasheet
148Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH1207M-101M FENGJUI-TPRH1207M-101M Datasheet
148Kb / 3P
SMD POWER INDUCTOR-RoHS
More results

Similar Description - TPRH1207F-331M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0034 MACOM-MAAPGM0034 Datasheet
838Kb / 6P
0.5W X/Ku-Band Power Amplifier 8.0-12.0 GHz
logo
HBH Microwave GmbH
HA6011 HBH-HA6011_1 Datasheet
25Kb / 1P
8.0 - 12.0 GHz High Power Amplifier
HA6011 HBH-HA6011_2 Datasheet
25Kb / 1P
8.0 - 12.0 GHz High Power Amplifier
HA6011 HBH-HA6011_4 Datasheet
25Kb / 1P
8.0 - 12.0 GHz High Power Amplifier
logo
Transko Electronics, In...
HC49SMD4 TRANSKO-HC49SMD4 Datasheet
330Kb / 1P
STANDARD HC49/SMD4 CRYSTAL (12.0 x 4.7mm)
Rev. 2: Nov. 2020
TMPIC04020F TRANSKO-TMPIC04020F Datasheet
1Mb / 4P
Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
Rev 1: 05-09-2018
TMPIT07030AF TRANSKO-TMPIT07030AF Datasheet
368Kb / 4P
Power Inductor SMD (6.6 X 6.4 X 3.1 mm)
Rev 1: 05-21-2020
TP0705BF TRANSKO-TP0705BF Datasheet
618Kb / 3P
Power Inductor SMD (7.80 X 7.00 X 5.00 mm)
Rev 3: 09-11-2019
TPRH10D40F TRANSKO-TPRH10D40F Datasheet
734Kb / 3P
Power Inductor SMD (10.10 X 10.0 X 3.8 mm)
Rev 1: 04-27-2018
TX-B TRANSKO-TX-B Datasheet
479Kb / 2P
TCXO/VCTCXO THROUGH HOLE (18.5 x 12.0 x 8.5mm)
Rev. 1: Dec. 2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com