Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2442CG Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2442CG
Description  24-Bit High Speed 4-Channel Delta-Sigma ADC with Integrated Amplifi er
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2442CG Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2442CG Datasheet HTML 17Page - Linear Technology LTC2442CG Datasheet HTML 18Page - Linear Technology LTC2442CG Datasheet HTML 19Page - Linear Technology LTC2442CG Datasheet HTML 20Page - Linear Technology LTC2442CG Datasheet HTML 21Page - Linear Technology LTC2442CG Datasheet HTML 22Page - Linear Technology LTC2442CG Datasheet HTML 23Page - Linear Technology LTC2442CG Datasheet HTML 24Page - Linear Technology LTC2442CG Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC2442
21
2442f
Internal Serial Clock, 3-Wire I/O, Continuous
Conversion
This timing mode uses a 3-wire, all output (SCK and SDO)
interface. The conversion result is shifted out of the device
by an internally generated serial clock (SCK) signal, see
Figure 9. CS may be permanently tied to ground, simplifying
the user interface or isolation barrier. The internal serial
clock mode is selected by tying EXT HIGH.
During the conversion, the SCK and the serial data output
pin (SDO) are HIGH (EOC = 1) and BUSY = 1. Once the
conversion is complete, SCK, BUSY and SDO go LOW
(EOC = 0) indicating the conversion has finished and the
APPLICATIO S I FOR ATIO
device has entered the sleep state. The part remains in
the sleep state a minimum amount of time (≈500ns) then
immediately begins outputting data. The data output cycle
begins on the first rising edge of SCK and ends after the
32nd rising edge. Data is shifted out the SDO pin on each
falling edge of SCK. The internally generated serial clock
is output to the SCK pin. This signal may be used to shift
the conversion result into external circuitry. EOC can be
latched on the first rising edge of SCK and the last bit of
the conversion result can be latched on the 32nd rising
edge of SCK. After the 32nd rising edge, SDO goes HIGH
(EOC = 1) indicating a new conversion is in progress. SCK
remains HIGH during the conversion.
CS
SCK
SDI
SDO
BUSY
2442 F09
CONVERSION
SLEEP
DATA OUTPUT
CONVERSION
MSB
BIT 28 BIT 27 BIT 26 BIT 25 BIT 24 BIT 23 BIT 22 BIT 21
BIT 20 BIT 19
BIT 0
SIG
BIT 29
“0”
BIT 30
EOC
BIT 31
1
0
EN
SGL
0
0
A0
OSR3
OSR2
OSR1
OSR0
TWOX
ODD
12345
6
7
89
10
11
12
13
14
1532
DON'T CARE
DON'T CARE
VCC
V+
+INA
MUXOUTA
BUSY
SDO
SDI
EXT
SCK
FO
MUXOUTB
+INB
GND
21
6
7
8
9
28
12
13
11
17
18
10
26
25
4, 5, 32
19
27
2
34
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUTS
24
= EXTERNAL OSCILLATOR
= INTERNAL OSCILLATOR
(SIMULTANEOUS 50Hz/60Hz
REJECTION AT 6.9Hz OUTPUT RATE
1
µF
0.1
µF
4.5V TO 5.5V
VCC TO 15V
LTC2442
1
µF
0.1
µF
CS
–15V TO GND
V–
REF+
REF–
OUTB
–INB
ADCINB
CH0
CH1
CH2
CH3
COM
29
30
31
3
33
1
36
35
OUTA
–INA
ADCINA
3-WIRE
SPI INTERFACE
VCC
Figure 9. Internal Serial Clock, Continuous Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com