Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8560 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
64
Freescale Semiconductor
RapidIO
Figure 43. Example Compliance Mask
Y = minimum data valid amplitude
Z = maximum amplitude
1 UI = 1 unit interval = 1/baud rate
X1 = end of zero crossing region
X2 = beginning of data valid window
DV = data valid window = 1 – 2
× X2
The waveform of the signal under test must fall within the unshaded area of the mask to be compliant. Different
masks are used for the driver output and the receiver input allowing each to be separately specified.
13.3.1 RapidIO Driver AC Timing Specifications
Driver AC timing specifications are provided in Table 47, Table 48, and Table 49. A driver shall comply with the
specifications for each data rate/frequency for which operation of the driver is specified. Unless otherwise specified,
these specifications are subject to the following conditions.
The specifications apply over the supply voltage and ambient temperature ranges specified by the device
vendor.
The specifications apply for any combination of data patterns on the data signals.
The output of a driver shall be connected to a 100
Ω, ±1%, differential (bridged) resistive load.
Clock specifications apply only to clock signals.
Data specifications apply only to data signals (FRAME, D[0:7]).
Table 47. RapidIO Driver AC Timing Specifications—500 Mbps Data Rate
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Differential output high voltage
VOHD
200
540
mV
1
Differential output low voltage
VOLD
–540
–200
mV
1
Duty cycle
DC
48
52
%
2, 6
X2
Z
0
Y
–Y
–Z
1–X2
DV
Time (UI)
01
X1
1–X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com