Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC1909CX Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPC1909CX
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1909CX Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPC1909CX Datasheet HTML 17Page - Renesas Technology Corp UPC1909CX Datasheet HTML 18Page - Renesas Technology Corp UPC1909CX Datasheet HTML 19Page - Renesas Technology Corp UPC1909CX Datasheet HTML 20Page - Renesas Technology Corp UPC1909CX Datasheet HTML 21Page - Renesas Technology Corp UPC1909CX Datasheet HTML 22Page - Renesas Technology Corp UPC1909CX Datasheet HTML 23Page - Renesas Technology Corp UPC1909CX Datasheet HTML 24Page - Renesas Technology Corp UPC1909CX Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Data Sheet G14309EJ2V0DS00
19
µµµµPC1909
In the
µPC1909, when the power supply voltage (VCC) rises but is less than the operation start voltage (VCC(L to H)),
a current of about 100
µA flows as a standby current.
When VCC reaches or exceeds VCC(L to H), the internal reference voltage (VREF) rises and operating current is supplied to
the internal circuits, increasing the circuit current (ICC) to a level of about 12 mA.
In the startup circuit in Figure 4-2, ICC(SB) is supplied via a startup resistor (R2), and when the power MOS FET is turned
on after the
µPC1909 is started up, ICC is supplied from a capacitor (C1) until voltage reaches the auxiliary coil. R2 is
determined using ICC(SB) as follows.
R2
VIN(MIN.)
− VCC(LtoH)(MAX.)
ICC(SB)(MAX.)
+ IREF
If R2 is too small, the loss via R2 during steady operation will be large. The loss via R2 during steady operation (PL(MAX.))
is shown below. In this equation, NZ is the number of turns in the power supply auxiliary coil, NP is the number of turns in
the primary coil, and VF(D1) is the forward direction voltage drop in the diode (D1).
PL(MAX.) =
{(1
− NZ/NP)·VIN(MAX.) + VF(D1)}
R2
2
Note that a film or other capacitor (C2) with good high-frequency characteristics should be connected to prevent a high-
frequency current flowing through the VCC line when the power MOS FET is driven.
To apply a soft start, connect a soft start capacitor (C3) between the DTC1 pin and GND. Using the overcurrent limitation
function of the OC pin allows the duty to be limited on a pulse-by-pulse basis, enabling a more secure soft start.
The time between the startup of the
µPC1909 and the first output of OUT1 (t1) is expressed as follows.
t1 =
−
ln {1
− (1 + R3 / R4)·(VTH(L) / VREF)}
1
+ R3 / R4
C3 · R3
Although VCC drops in the t1 period, C1 is determined so that OUT1 is output while the drop voltage has not fallen to the
operating voltage hysteresis width VH. At this time, because OUT2 is output before OUT1 (refer to 3.1 Startup), C1 must
be set to compensate for the increase in current caused by the output of OUT2. Refer to Figure 3-1. Waveforms at Startup
for the operating waveforms.
C1 >
ICC
+ IREF + IOUT − ICC(R)
· t1
VH
Here, IREF is the current that flows through the resistor with the maximum duty setting connected to the VREF pin, IOUT is
the power MOS FET drive current, and ICC(R) is the current that is supplied from the startup resistor (R2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com