| Electronic Components Datasheet Search |
|
UPC1909GS Datasheet(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPC1909GS Datasheet(HTML) 15 Page - Renesas Technology Corp |
|
15 / 38 page ![]() Data Sheet G14309EJ2V0DS00 13 µµµµPC1909 3.2 Steady Operation The operating waveforms during steady operation are shown in Figure 3-2 below. Steady operation as used here refers to the state in which the overcurrent and overvoltage latches are not working. The operations that occur during steady operation are as follows. <1> When the converter is operating at the rated input and output, the FB voltage is between DTC1 and DTC2 (in the T3 period in Figure 3-2). •The FB voltage and CT triangle wave are compared by PWM comparator 1. OUT1 is high level when the FB voltage is higher than the CT voltage. •The FB voltage and level-shifted dCT triangle wave are compared by PWM comparator 2. OUT2 is high level when the FB voltage is lower than the dCT voltage. <2> Because the input voltage becomes lower as the load of the converter is increased, there is a period when the FB voltage rises and the OUT1 duty increases (the T4 period in Figure 3-2). When the FB voltage is greater than the DTC1 voltage, OUT1 operates at the maximum duty determined by DTC1. At this time also, OUT2 operates at the minimum duty determined by DTC1. <3> Because the input voltage becomes higher as the load of the converter is decreased, there is a period when the FB voltage falls and the OUT1 duty decreases (the T5 period in Figure 3-2). When the FB voltage is less than the DTC2 voltage, OUT2 operates at the maximum duty determined by DTC2. Figure 3-2. Waveforms During Steady Operation OUT1 DTC1 FB DTC2 OUT2 CT dCT Vd T4 T3 T5 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |