Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC2406AHF Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPC2406AHF
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2406AHF Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPC2406AHF Datasheet HTML 6Page - Renesas Technology Corp UPC2406AHF Datasheet HTML 7Page - Renesas Technology Corp UPC2406AHF Datasheet HTML 8Page - Renesas Technology Corp UPC2406AHF Datasheet HTML 9Page - Renesas Technology Corp UPC2406AHF Datasheet HTML 10Page - Renesas Technology Corp UPC2406AHF Datasheet HTML 11Page - Renesas Technology Corp UPC2406AHF Datasheet HTML 12Page - Renesas Technology Corp UPC2406AHF Datasheet HTML 13Page - Renesas Technology Corp UPC2406AHF Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
8
µPC2400A Series
µPC2418A (VIN = 25 V, IO = 500 mA, TJ = 25 ˚C, Unless otherwise specified)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Output Voltage
VO
17.64
18
18.36
V
17.46
18.54
19 V
≤ VIN ≤ 28 V, 5 mA ≤ IO ≤ 500 mA,
0 ˚C
≤ TJ ≤ 125 ˚C
17.46
18.54
5 mA
≤ IO ≤ 1 A, 0 ˚C ≤ TJ ≤ 125 ˚C
Line Regulation
REGIN
22
180
mV
20 V
≤ VIN ≤ 28 V
Load Regulation
REGL
11
180
mV
5 mA
≤ IO ≤ 1 A
Quiescent Current
IBIAS
2.5
3.2
mA
IO = 0
10
60
IO = 1 A
Start-up Current
IBIAS(S)
15
mA
VIN = 17.5 V, IO = 0 mA
75
VIN = 17.5 V, IO = 1 A
Quiescent Current Change
∆IBIAS
20
mA
20 V
≤ VIN ≤ 28 V, IO = 1 A
Output Noise Voltage
Vn
350
µVrms
10 Hz
≤ f ≤ 100 kHz
Ripple Rejection
R·R
49
54
dB
f = 120 Hz, 20 V
≤ VIN ≤ 28 V
Dropout Voltage
VDIF
0.5
1.0
V
IO = 1 A, 0 ˚C
≤ TJ ≤ 125 ˚C
Short Circuit Current
IOshort
0.8
A
VIN = 28 V
Peak Output Current
IOpeak
1.55
2.2
3.0
A
Temperature Coefficient of
∆VO/∆T
2.5
mV/˚C
IO = 5 mA, 0 ˚C
≤ TJ ≤ 125 ˚C
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com