Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC3231GV Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC3231GV
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3231GV Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC3231GV Datasheet HTML 1Page - Renesas Technology Corp UPC3231GV Datasheet HTML 2Page - Renesas Technology Corp UPC3231GV Datasheet HTML 3Page - Renesas Technology Corp UPC3231GV Datasheet HTML 4Page - Renesas Technology Corp UPC3231GV Datasheet HTML 5Page - Renesas Technology Corp UPC3231GV Datasheet HTML 6Page - Renesas Technology Corp UPC3231GV Datasheet HTML 7Page - Renesas Technology Corp UPC3231GV Datasheet HTML 8Page - Renesas Technology Corp UPC3231GV Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
INTERNAL BLOCK DIAGRAM AND PIN CONNECTIONS
1
2
3
4
8
7
6
5
VCC
INPUT1
INPUT2
VAGC
GND1
OUTPUT1
OUTPUT2
GND2
AGC AMP.
Video AMP.
AGC Control
(Top View)
PRODUCT LINE-UP OF 5 V AGC AMPLIFIER
Part Number
ICC
(mA)
GMAX
(dB)
GMIN
(dB)
GCR
(dB)
NF
(dB)
IM3
(dBc)
Package
μPC3217GV
23
53
0
53
6.5
50
Note1
8-pin SSOP (4.45 mm (175))
μPC3218GV
23
63
10
53
3.5
50
Note1
μPC3219GV
36.5
42.5
0
42.5
9.0
58
Note1
μPC3221GV
33
60
10
50
4.2
56
Note1
μPC3231GV
36
65
4
61
5.0
53.5
Note2
Notes 1. f1 = 44 MHz, f2 = 45 MHz, Vout = 0.7 Vp-p/tone, single-ended output
2. f1 = 44 MHz, f2 = 45 MHz, Vout = 0.5 Vp-p/tone, single-ended output
Data Sheet PU10658EJ01V0DS
2
μPC3231GV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com