Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCF5251 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MCF5251
Description  ColdFire Processor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5251 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MCF5251 Datasheet HTML 17Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 18Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 19Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 20Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 21Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 22Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 23Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 24Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Package Information and Pinout
MCF5251 ColdFire Processor Data Sheet: Technical Data, Rev. 2.1
Freescale Semiconductor
21
DDATA0/CTS1/
SDATA0_SDIO1/GPIO1
IO / 4 mA
30
DDATA0
CTS1/SDATA
0_SDIO1
14,13
IO1
HI_Z
K
1
0
Interrupt Capable Input
DDATA1/RTS1/
SDATA2_BS2/GPIO2
IO / 4 mA
30
DDATA1
RTS1/SDATA
2_BS2
24,23
IO2
HI_Z
R
1
1
Interrupt Capable Input
DDATA2/CTS0/GPIO3
IO / 4 mA
30
DDATA2
CTS0
22
IO3
HI_Z
J
1
4
Interrupt Capable Input
DDATA3/RTS0/GPIO4
IO / 4 mA
30
DDATA3
RTS0
21
IO4
HI_Z
J
1
2
Interrupt Capable Input
TEST0
I
––
–
–
–
–
F
1
1
BDM/JTAG Select: 1-BDM;
0-JTAG
TEST1
I
––
–
–
–
–
G
1
0
For normal operation, tie this
pin low.
TEST2
I
––
–
–
–
–
H
1
0
For normal operation, tie this
pin low.
Reset/Wake-up
RSTI
I
––
–
–
–
–
E
1
5
–
WAKEUP/GPIO21
IO / 2 mA
30
WAKEUP
––
IO21
–
R
5
–
USB
USBDN
A
––
–
–
–
–
N
1
5
–
USBDP
A
––
–
–
–
–
M
1
5
–
USBID
I
––
–
–
–
–
M
1
1
–
USBVBUS
A
––
–
–
–
–
N
1
4
–
USBRES
A
––
–
–
–
–
M
1
4
–
TESTOUT1
O
––
–
–
–
–
P
1
3
–
NC
––
–
–
–
–
–
R
1
4
–
Audio Interface
SDATAI1/GPIO17
IO / 2 mA
30
SDATAI1
––
IO17
–
N
9
–
SDATAO1/TOUT0/
GPIO18
IO / 2 mA
30
SDATAO1
TOUT0
8
IO18
–
R
8
–
SCLK1/GPIO20
IO / 2 mA
30
SCLK1
––
IO20
–
K
8
–
LRCK1/GPIO19
IO / 2 mA
30
LRCK1
––
IO19
–
P
8
–
SDATAO2/GPIO34
IO / 2 mA
30
SDATAO2
––
IO34
–
D
1
5
–
SCLK2/GPIO22
IO / 2 mA
30
SCLK2
––
IO22
–
E
1
3
–
LRCK2/GPIO23
IO / 2 mA
30
LRCK2
––
IO23
–
E
1
4
–
SDATAI3/GPIO8
IO / 2 mA
30
SDATAI3
––
IO8
–
N
1
0
–
SCLK3/GPIO35
IO / 2 mA
30
SCLK3
––
IO35
–
R
1
0
–
LRCK3/AUDIOCLK/
GPIO43
IO / 2 mA
30
LRCK3
AUDIOCLK
–
IO43
–
M
1
0
See A20/A24 Description
EBUIN1/GPIO36
IO / 2 mA
30
EBUIN1
––
IO36
–
N
6
–
EBUIN2/SCLKOUT/
GPIO13
IO / 2 mA
30
EBUIN2
SCLKOUT
16
IO13
–
M
6
–
EBUIN3/
CMD_SDIO2/GPIO14
IO / 2 mA
30
EBUIN3
CMDSDIO2
15
IO14
–
K
7
–
QSPICS0/EBUIN4/
GPIO15
IO / 2 mA
30
QSPICS0
EBUIN4
30
IO15
–
R
7
–
EBUOUT1/GPIO37
IO / 2 mA
30
EBUOUT1
––
IO37
–
P
6
–
QSPICS1/
EBUOUT2/GPIO16
IO / 2 mA
30
QSPICS1
EBUOUT2
29
IO16
–
N
8
–
CFLG/GPIO5
IO / 2 mA
30
CFLG
––
IO5
–
M
9
Interrupt Capable Input
EF/RXD2/GPIO6
IO / 2 mA
30
EF
RXD2
–
IO6
–
R
9
Interrupt Capable Input
Table 16. 225 MAPBGA Pin Assignment (continued)
Name
Drive Type/
Strength
Load
(pF)
1st
Function
2nd
Function
Pinconfig
Register
Bit
GP
Pin
Reset
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com